Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC908GZ60VFU Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC908GZ60VFU
Description  Microcontrollers
Download  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908GZ60VFU Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC908GZ60VFU Datasheet HTML 1Page - Freescale Semiconductor, Inc MC908GZ60VFU Datasheet HTML 2Page - Freescale Semiconductor, Inc MC908GZ60VFU Datasheet HTML 3Page - Freescale Semiconductor, Inc MC908GZ60VFU Datasheet HTML 4Page - Freescale Semiconductor, Inc MC908GZ60VFU Datasheet HTML 5Page - Freescale Semiconductor, Inc MC908GZ60VFU Datasheet HTML 6Page - Freescale Semiconductor, Inc MC908GZ60VFU Datasheet HTML 7Page - Freescale Semiconductor, Inc MC908GZ60VFU Datasheet HTML 8Page - Freescale Semiconductor, Inc MC908GZ60VFU Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 352 page
background image
Revision History
MC68HC908GZ60 • MC68HC908GZ48 • MC68HC908GZ32 Data Sheet, Rev. 6
4
Freescale Semiconductor
The following revision history table summarizes changes contained in this document. For your
convenience, the page number designators have been linked to the appropriate location.
Revision History
Date
Revision
Level
Description
Page
Number(s)
April,
2004
N/A
Initial release
N/A
May,
2004
1.0
9.7.3 Keyboard Interrupt Polarity Register — Corrected the bit description of
the KBIP7–KBIP0 bits.
119
14.8.8 ESCI Prescaler Register — Reworked note under PDS2–PDS0
description for clarity.
212
Table 22-1. MC Order Numbers — Corrected order numbers.
329
Figure 22-1. Device Numbering System — Reworked diagram to reflect
correct order numbers.
329
Table A-1. MC Order Numbers — Corrected order numbers.
342
Figure A-3. Device Numbering System — Reworked diagram to reflect
correct order numbers.
342
B.4 Ordering Information — Corrected order numbers.
346
Figure B-3. Device Numbering System — Reworked diagram to reflect
correct order numbers.
346
June,
2005
2.0
Reformatted to Freescale publication standards
Throughout
Table 14-6. ESCI LIN Control Bits — Corrected Functionality entries
211
14.9.1 ESCI Arbiter Control Register — Corrected bit ACLK bit description
215
14.9.3 Bit Time Measurement — Corrected definition for ACLK bit
216
March,
2006
3.0
10.5 Clock Generator Module (CGM) — Updated description to remove
erroneous information.
122
July,
2006
4.0
Added section 1.5.15 Unused Pin Termination
31
Chapter 13 Input/Output (I/O) Ports — Replaced note
169
Table 14-6. ESCI LIN Control Bits — Updated functionality column.
213
18.6 TIM1 During Break Interrupts — Updated first paragraph for clarity.
270
19.6 TIM2 During Break Interrupts — Updated first paragraph for clarity.
290
20.2.1.2 TIM During Break Interrupts — Updated first paragraph for clarity.
302
Figure 20-10. Normal Monitor Mode Circuit and Figure 20-11. Forced Monitor
Mode — Changed capacitor values
307
21.5 5.0-Vdc Electrical Characteristics — Updated minimum value for
low-voltage inhibit, trip rising voltage (VTRIPR).
317
21.9.2 CGM Component Information — Updated values for feedback bias
resistor
322


Similar Part No. - MC908GZ60VFU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
   Standard features, Features of the CPU08
More results

Similar Description - MC908GZ60VFU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com