Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13213 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC13213
Description  ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13213 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC13213 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13213 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13213 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13213 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13213 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13213 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13213 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13213 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13213 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
MC13211/212/213 Technical Data, Rev. 1.2
8
Freescale Semiconductor
2
MC1321x Pin Assignment and Connections
Figure 3 shows the MC1321x pinout.
Figure 3. MC1321x Pinout (Top View)
32
PTA4/KBI1P4
PTA5/KBI1P5
PTA7/KBI1P7
VDDAD
PTG1/XTAL
PTG2/EXTAL
PTC0/TXD2
PTC1/RXD2
PTC4
PTC2/S DA1
PTC3/S CL1
PTA3/KBI1P3
PTD2/TPM1CH2
CLKO
VDD
GPIO1
GPIO2
GPIO3
GPIO4
SM
PAO_M
PAO_P
RFIN_M
RFIN_P
VDDA
NC
CT_Bias
MC1321x
1
16
17
33
48
49
64
PTA6/KBI1P6
2
3
4
5
6
7
8
9
10
11
12
13
14
15
47
46
45
44
43
42
41
40
39
38
37
36
35
34
18
19
20
21
22
23
24
25
26
27
28
29
30
31
63
62
61
60
59
58
57
56
55
54
53
52
51
50
65
66
67
68
69
71
70
Flag opening
PTD4/TPM2CH1
TES T
TES T
RES ET
ATTN
PTG0/BKGD/MS
Flag opening


Similar Part No. - MC13213

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13213 FREESCALE-MC13213 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13213 FREESCALE-MC13213 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13213 FREESCALE-MC13213 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC13213 NXP-MC13213 Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13213R2 FREESCALE-MC13213R2 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
More results

Similar Description - MC13213

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V_09 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com