Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9328MX21SCVM Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC9328MX21SCVM
Description  MX family of microprocessors
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MX21SCVM Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC9328MX21SCVM Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9328MX21SCVM Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9328MX21SCVM Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9328MX21SCVM Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9328MX21SCVM Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9328MX21SCVM Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9328MX21SCVM Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9328MX21SCVM Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9328MX21SCVM Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
MC9328MX21S Technical Data, Rev. 1.1
6
Freescale Semiconductor
Signal Descriptions
CAS
SDRAM Column Address Select signal
SDWE
SDRAM Write Enable signal
SDCKE0
SDRAM Clock Enable 0
SDCKE1
SDRAM Clock Enable 1
SDCLK
SDRAM Clock
Clocks and Resets
EXTAL26M
Crystal input (26MHz), or a 16 MHz to 32 MHz oscillator (or square-wave) input when the internal
oscillator circuit is shut down. When using an external signal source, feed this input with a square wave
signal switching from GND to VDDA.
XTAL26M
Oscillator output to external crystal. When using an external signal source, float this output.
EXTAL32K
32 kHz or 32.768 kHz crystal input. When using an external signal source, feed this input with a square
wave signal switching from GND to QVDD5.
XTAL32K
Oscillator output to external crystal. When using an external signal source, float this output.
CLKO
Clock Out signal selected from internal clock signals. Please refer to clock controller for internal clock
selection.
EXT_48M
This is a special factory test signal. To ensure proper operation, connect this signal to ground.
EXT_266M
This is a special factory test signal. To ensure proper operation, connect this signal to ground.
RESET_IN
Master Reset—External active low Schmitt trigger input signal. When this signal goes active, all modules
(except the reset module, SDRAMC module, and the clock control module) are reset.
RESET_OUT
Reset Out—Internal active low output signal from the Watchdog Timer module and is asserted from the
following sources: Power-on reset, External reset (RESET_IN), and Watchdog time-out.
POR
Power On Reset—Active low Schmitt trigger input signal. The POR signal is normally generated by an
external RC circuit designed to detect a power-up event.
CLKMODE[1:0]
These are special factory test signals. To ensure proper operation, leave these signals as no connects.
OSC26M_TEST
This is a special factory test signal. To ensure proper operation, leave this signal as a no connect.
TEST_WB[2:0]
These are special factory test signals. However, these signals are also multiplexed with GPIO PORT E
as well as alternate keypad signals. If not using these signals for GPIO functions or for other multiplexed
functions, then configure as GPIO input with pull-up enabled, and leave as a no connect.
TEST_WB[4:3]
These are special factory test signals. To ensure proper operation, leave these signals as no connects.
WKGD
Battery indicator input used to qualify the walk-up process. Also multiplexed with TIN.
JTAG
For termination recommendations, see the Table “JTAG pinouts” in the Multi-ICE® User Guide from ARM® Limited.
TRST
Test Reset Pin—External active low signal used to asynchronously initialize the JTAG controller.
TDO
Serial Output for test instructions and data. Changes on the falling edge of TCK.
TDI
Serial Input for test instructions and data. Sampled on the rising edge of TCK.
TCK
Test Clock to synchronize test logic and control register access through the JTAG port.
TMS
Test Mode Select to sequence the JTAG test controller’s state machine. Sampled on the rising edge of
TCK.
JTAG_CTRL
JTAG Controller select signal—JTAG_CTRL is sampled during the rising edge of TRST. Must be pulled
to logic high for proper JTAG interface to debugger. Pulling JTAG_CRTL low is for internal test purposes
only.
Table 2. i.MX21S Signal Descriptions (Continued)
Signal Name
Function/Notes


Similar Part No. - MC9328MX21SCVM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21SCVM FREESCALE-MC9328MX21SCVM Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
logo
NXP Semiconductors
MC9328MX21SCVM NXP-MC9328MX21SCVM Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
More results

Similar Description - MC9328MX21SCVM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
   i.MX family of microprocessors
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
   i.MX family of microprocessors
MC9328MX1 FREESCALE-MC9328MX1_06 Datasheet
1Mb / 100P
   MX Family of applications processors
MC9328MX21S FREESCALE-MC9328MX21S_08 Datasheet
1Mb / 88P
   i.MX family of microprocessors 266 MHz
MC9328MX21 FREESCALE-MC9328MX21_10 Datasheet
1Mb / 100P
   266 MHz i.MX family of microprocessors
MC9328MXL FREESCALE-MC9328MXL_06 Datasheet
1Mb / 90P
   MX Family of applications processors
MC9328MXS FREESCALE-MC9328MXS Datasheet
1Mb / 74P
   MX Family of applications processors
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
   Telemaco2 family of telematics and connectivity microprocessors
September 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com