Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13202 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC13202
Description  2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13202 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC13202 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13202 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
MC13202 Technical Data, Rev. 1.2
6
Freescale Semiconductor
4.2
Receive Path Description
In the receive signal path, the RF input is converted to low IF In-phase and Quadrature (I & Q) signals
through two down-conversion stages. A Clear Channel Assessment (CCA) can be performed based upon
the baseband energy integrated over a specific time interval. The digital backend performs Differential
Chip Detection (DCD), the correlator “de-spreads” the Direct Sequence Spread Spectrum (DSSS) Offset
QPSK (O-QPSK) signal, determines the symbols and packets, and detects the data.
The preamble, SFD, and FLI are parsed and used to detect the payload data and FCS which are stored in
RAM. A two-byte FCS is calculated on the received data and compared to the FCS value appended to the
transmitted data, which generates a Cyclical Redundancy Check (CRC) result. Link Quality is measured
over a 64 µs period after the packet preamble and stored in RAM.
If the MC13202 is in packet mode, the data is processed as an entire packet. The MCU is notified that an
entire packet has been received via an interrupt.
If the MC13202 is in streaming mode, the MCU is notified by an interrupt on a word-by-word basis.
Figure 4 shows CCA reported power level versus input power. Note that CCA reported power saturates at
about -57 dBm input power which is well above 802.15.4 Standard requirements. Figure 5 shows energy
detection/LQI reported level versus input power.
NOTE
For both graphs, the required 802.15.4 Standard accuracy and range limits
are shown. A 3.5 dBm offset has been programmed into the CCA reporting
level to center the level over temperature in the graphs.
Figure 4. Reported Power Level versus Input Power in CCA Mode
-100
-90
-80
-70
-60
-50
-90
-80
-70
-60
-50
Input Pow er (dBm)
802.15.4 A c curac y
and range Requirements


Similar Part No. - MC13202

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13202 FREESCALE-MC13202 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202 Datasheet
360Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202 FREESCALE-MC13202 Datasheet
2Mb / 56P
   Blood Pressure Monitor Using the Flexis QE128 Family
MC13202FC FREESCALE-MC13202FC Datasheet
360Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results

Similar Description - MC13202

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201_08 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192 Datasheet
340Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_08 Datasheet
360Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_08 Datasheet
379Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com