Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D3612W-50K Datasheet(PDF) 6 Page - Data Delay Devices, Inc.

Part # 3D3612W-50K
Description  8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D3612W-50K Datasheet(HTML) 6 Page - Data Delay Devices, Inc.

  3D3612W-50K Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3612W-50K Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3612W-50K Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3612W-50K Datasheet HTML 4Page - Data Delay Devices, Inc. 3D3612W-50K Datasheet HTML 5Page - Data Delay Devices, Inc. 3D3612W-50K Datasheet HTML 6Page - Data Delay Devices, Inc. 3D3612W-50K Datasheet HTML 7Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3D3608 & 3D3612
TYPICAL APPLICATIONS
Figure 5: Programmable Oscillator
3D3608
or
3D3612
TRIG
RES
OUT
OUTB
Addr
AE
EN
AE
Addr
FOUT
EN
FOUT
FOUT = 1 / (t
PW + tID + tNOR)
tID + tNOR
Figure 6: Programmable Delay Line
3D3608/12
R-Edge
Delay
TRIG
RES
OUT
OUTB
Addr
AE
D-FF
SETB
D
Q
QB
RESB
CK
D-FF
SETB
D
Q
QB
RESB
CK
+5
+5
0V
0V
IN
AEF
Addr
OUT
TRIG
RES
OUT
OUTB
Addr
AE
3D3608/12
F-Edge
Delay
IN
OUT
tPWR + tID + tFF
tPWF + tID + tFF
AER
Doc #06010
DATA DELAY DEVICES, INC.
6
5/8/2006
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Similar Part No. - 3D3612W-50K

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D3622D-0.25 DATADELAY-3D3622D-0.25 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D3622D-0.4 DATADELAY-3D3622D-0.4 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D3622D-0.5 DATADELAY-3D3622D-0.5 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D3622D-1 DATADELAY-3D3622D-1 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
More results

Similar Description - 3D3612W-50K

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7608 DATADELAY-3D7608 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
logo
National Semiconductor ...
COP888GW NSC-COP888GW Datasheet
471Kb / 44P
   8-Bit Microcontroller with Pulse Train Generators
logo
Data Delay Devices, Inc...
PPG312F DATADELAY-PPG312F Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG38F DATADELAY-PPG38F Datasheet
42Kb / 5P
   8-BIT PROGRAMMABLE PULSE GENERATOR (SERIES PPG38F)
logo
National Semiconductor ...
COP87L88RW NSC-COP87L88RW Datasheet
419Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with Pulse Train Generators and Capture Modules
logo
B&K Precision Corporati...
4033 BK-4033 Datasheet
326Kb / 3P
   50 MHz Programmable Pulse Generators
logo
Data Delay Devices, Inc...
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Frequency Devices, Inc.
858 FREQUENCYDEVICES-858 Datasheet
524Kb / 19P
   8-Bit Programmable
logo
Nippon Pulse America, I...
PCL NPM-PCL Datasheet
809Kb / 4P
   Programmable Pulse Generators PCL/PCD Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com