Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D7523D-20 Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part # 3D7523D-20
Description  MONOLITHIC MANCHESTER ENCODER/DECODER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7523D-20 Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

  3D7523D-20 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7523D-20 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7523D-20 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7523D-20 Datasheet HTML 4Page - Data Delay Devices, Inc. 3D7523D-20 Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3D7523
APPLICATION NOTES (CONT’D)
DECODER
to one over twice the baud rate. Otherwise, the
input is presented at the clock output unchanged,
shifted in time. Therefore, the clock duty cycle is
strongly dependent on the baud rate, as this will
affect the clock-high duration.
The Manchester decoder subsystem samples the
input at precise pre-selected intervals to retrieve
the data and to recover the clock from the
received data stream. Its architecture comprises
finely tuned delay elements and proprietary
circuitry which, in conjunction with other circuits,
implement the data decoding and clock recovery
function.
The clock output falling edge is not operated on
by the clock recovery circuitry. It, therefore,
preserves more accurately the clock frequency
information embedded in the transmitted data. It
can therefore be used, if desired, to retrieve clock
frequency information.
Typically, the encoded data transmitted from a
source arrives at the decoder corrupted. Such
corruption of the received data manifests itself as
jitter and/or pulse width distortion at the decoder
input. The instantaneous deviations from
nominal Baud Rate and/or Pulse Width (high or
low) adversely impact the data extraction and
clock recovery function if their published limits
are exceeded. See Table 4, Allowed Baud
Rate/Duty Cycle. The decoder, being a self-
timed device, is tolerant of frequency modulation
(jitter) present in the input data stream, provided
that the input data pulse width variations remain
within the allowable ranges.
INPUT SIGNAL CHARACTERISTICS
The 3D7523 inputs are TTL compatible. The
user should assure him/herself that the 1.5
volt TTL threshold is used when referring to all
timing, especially to the input clock duty cycle
(encoder) and the received data (decoder).
POWER SUPPLY AND
TEMPERATURE CONSIDERATIONS
CMOS integrated circuitry is strongly dependent
on power supply and temperature. The
monolithic 3D7523 Manchester encoder/decoder
utilizes novel and innovative compensation
circuitry to minimize timing variations induced by
fluctuations in power supply and/or temperature.
Nevertheless, optimum performance is achieved
by providing a stable power supply and a clean
ground plane, and by placing a bypass capacitor
(0.1uf typically) as close to the device as
possible.
The decoder presents at its outputs the decoded
data (inverted) and the recovered clock. The
decoded data is valid at the rising edge of the
clock.
The clock recovery function operates in two
modes dictated by the input data stream bit
sequence. When a data bit is succeeded by its
inverse, the clock recovery circuit is engaged and
forces the clock output low for a time equal
CLOCK
(CLK)
RECEIVED
(RX)
Figure 2: Timing Diagram (Decoder)
tC
DECODED
1011001
ENCODED
1011001
0
DATA
(DATB)
tCL
tCWL
tCD
Doc #06003
DATA DELAY DEVICES, INC.
3
5/8/2006
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - 3D7523D-20

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7521 DATADELAY-3D7521 Datasheet
229Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D7521D DATADELAY-3D7521D Datasheet
229Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D7521Z DATADELAY-3D7521Z Datasheet
229Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D7522 DATADELAY-3D7522 Datasheet
257Kb / 4P
   MONOLITHIC MANCHESTER DECODER
3D7522-0.5 DATADELAY-3D7522-0.5 Datasheet
257Kb / 4P
   MONOLITHIC MANCHESTER DECODER
More results

Similar Description - 3D7523D-20

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Data Delay Devices, Inc...
3D7503D-20 DATADELAY-3D7503D-20 Datasheet
47Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
3D3523 DATADELAY-3D3523 Datasheet
292Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530 Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com