Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33596FCE Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC33596FCE
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC33596FCE Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33596FCE Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33596FCE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33596FCE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33596FCE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33596FCE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33596FCE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33596FCE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33596FCE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
Silicon Version
MC33596 Data Sheet, Rev. 3
Freescale Semiconductor
5
4
Silicon Version
This data sheet describes the functional features of silicon version ES4.1.
5
Maximum Ratings
Table 2. Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage on pin: VCCIN
VCCIN
VGND–0.3 to 5.5
V
Supply voltage on pins: VCCINOUT, VCCDIG
VCC
VGND–0.3 to 3.6
V
Supply voltage on pins: VCC2IN, VCC2RF, VCC2VCO
VCC2
VGND–0.3 to 2.7
V
Voltage allowed on each pin (except digital pins)
VGND–0.3 to VCC2
V
Voltage allowed on digital pins: SEB, SCLK, MISO, MOSI, CONFB,
DATACLK, RSSIC, STROBE
VCCIO
VGND–0.3 to VCCIN+0.3
V
ESD HBM voltage capability on each pin1
NOTES:
1
Human body model, AEC-Q100-002 rev. C.
±2000
V
ESD MM voltage capability on each pin2
2
Machine model, AEC-Q100-003 rev. C.
±200
V
Solder heat resistance test (10 s)
260
°C
Storage temperature
TS
–65 to +150
°C
Junction temperature
TJ
150
°C


Similar Part No. - MC33596FCE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33596FCE NXP-MC33596FCE Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
logo
Freescale Semiconductor...
MC33596FCE/R2 FREESCALE-MC33596FCE/R2 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
MC33596FCE/R2 FREESCALE-MC33596FCE/R2 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33596FCER2 NXP-MC33596FCER2 Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
More results

Similar Description - MC33596FCE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33594 NXP-MC33594 Datasheet
727Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33596 NXP-MC33596 Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596_10 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33592FTA MOTOROLA-MC33592FTA Datasheet
524Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596_09 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com