Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4001G Datasheet(PDF) 1 Page - Comchip Technology

Part # 1N4001G
Description  Glass Passivated Standard Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N4001G Datasheet(HTML) 1 Page - Comchip Technology

  1N4001G Datasheet HTML 1Page - Comchip Technology 1N4001G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case: Molded plastic DO-41
Epoxy: UL 94-0 rate flame retardant
Terminal: Solderable per MIL-STD-202
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.34 gram
Mechanical Data
Maximum Rating and Electrical Characteristics
Low forward voltage drop
High current capability
Low reverse leakage current
High Surge current capability
Features
Current: 1A
Votlage: 50 ~ 1000V
1N4001G THRU 1N4007G
Glass Passivated Standard Rectifier
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or
inductive load. For capacitive load, derate current by 20%.
NOTES :
-55 to +150
1N
4001G
1N
4002G
1N
4004G
1N
4003G
50
400
200
100
35
280
140
70
50
400
200
100
1.0
5.0
30
100
10
45
UNIT
V
V
V
V
A
A
uA
uA
o
C
pF
o
C/W
1N
4005G
600
420
600
1N
4006G
800
560
800
1N
4007G
1000
700
1000
1.1
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 1)
Operating Junction and Storage
Current TL=55
o
C
Half sine-wave superimposed on rated load
(JEDEC method)
@ 1.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Typical Thermal Resistance (Note 2)
R JA
SYMBOL
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
TJ,TSTG
Temperature Range
(1) Thermal Resistance junction to lead.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
o
Dimensions in inches and (millimeters)
DO-41
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.160(4.1)
.034(.86)
.028(.71)
DIA.
.107(2.7)
.080(2.0)
DIA.
“-G” suffix designates RoHS compliant Version


Similar Part No. - 1N4001G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4001G PHILIPS-1N4001G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4001G CHENDA-1N4001G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Gulf Semiconductor
1N4001G GULFSEMI-1N4001G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Leshan Radio Company
1N4001G LRC-1N4001G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
logo
List of Unclassifed Man...
1N4001G ETC1-1N4001G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - 1N4001G

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
1N4007P YENYO-1N4007P Datasheet
638Kb / 2P
   Glass Passivated Standard Rectifier
2A01G YENYO-2A01G Datasheet
646Kb / 2P
   Glass Passivated Standard Rectifier
GP16A01 YENYO-GP16A01 Datasheet
671Kb / 2P
   Glass Passivated Standard Rectifier
1N5400G YENYO-1N5400G Datasheet
653Kb / 2P
   Glass Passivated Standard Rectifier
6A05G YENYO-6A05G Datasheet
671Kb / 2P
   Glass Passivated Standard Rectifier
GP16A01F YENYO-GP16A01F Datasheet
663Kb / 2P
   Glass Passivated Standard Rectifier
EF8A02F YENYO-EF8A02F Datasheet
788Kb / 2P
   Glass Passivated Standard Rectifier
logo
Frontier Electronics.
GPF15-005 FRONTIER-GPF15-005 Datasheet
124Kb / 2P
   15A GLASS PASSIVATED STANDARD RECTIFIER
GPF160-005 FRONTIER-GPF160-005 Datasheet
123Kb / 2P
   16A GLASS PASSIVATED STANDARD RECTIFIER
logo
GOOD-ARK Electronics
P151A GOOD-ARK-P151A Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com