Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5400-G Datasheet(PDF) 1 Page - Comchip Technology

Part # 1N5400-G
Description  General Purpose Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N5400-G Datasheet(HTML) 1 Page - Comchip Technology

  1N5400-G Datasheet HTML 1Page - Comchip Technology 1N5400-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page1
Comchip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
Case: Molded plastic DO-201AD
Epoxy: UL 94V-0 rate flame retardant
Terminals: Solderable per MIL-STD-202
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 1.1gram
Mechanical Data:
Maximum Ratings and Electrical Characteristics
Low forward voltage drop
High current capability
Low reverse leakage current
High surge current capability
Features:
Voltage: 50 ~ 1000 Volts
Current: 3.0 Amp
1N5400-G thru 1N5408-G (RoHS Device)
General Purpose Rectifier
“-G” suffix designated RoHS compliant version
Note:
(1) Thermal resistance junction to lead.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
DO-201AD
Rating at 25ºC unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate currently by 20%.
Characteristics
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Max. Average Forward Rectified Current@ TL = 75ºC
Peak Forward Surge Current 8.3ms Single
half-sine-wave superimposed on rated load
(JEDEC Method)
Max. Instantaneous Forward Voltage @ 3.0A
Max. DC Reverse Current @ TJ = 25ºC
At Rated DC Blocking Voltage @ TJ = 100ºC
Typical Junction Capacitance (Note1)
Typical Thermal Resistance (Note2)
Operating Junction and Storage
Temperature Range
1N
5400-G
50
35
50
1N
5401-G
100
70
100
1N
5402-G
200
140
200
1N
5404-G
400
280
400
3.0
150
0.95
5.0
250
40
15
-55 to +125
1N
5406-G
600
420
600
1N
5407-G
800
560
800
1N
5406-G
1000
700
1000
UNIT
V
V
V
A
A
V
uA
uA
pF
ºC/W
ºC
Symbol
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
RθJC
TJ, TSTG
.052 (1.3)
.048 (1.2)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
.375 (9.5)
.285 (7.2)
.210 (5.3)
.190 (4.8)
Dimensions in inches and (millimeters)


Similar Part No. - 1N5400-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5400-B DIODES-1N5400-B Datasheet
67Kb / 3P
   3.0A RECTIFIER
DS28007 Rev. 7 - 2
logo
DONGGUAN YOU FENG WEI E...
1N5400-DO27 YFWDIODE-1N5400-DO27 Datasheet
432Kb / 3P
   3 Amp Rectifier 50 - 1000 Volts
logo
Frontier Electronics.
1N5400-LFR FRONTIER-1N5400-LFR Datasheet
122Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Diodes Incorporated
1N5400-T DIODES-1N5400-T Datasheet
67Kb / 3P
   3.0A RECTIFIER
DS28007 Rev. 7 - 2
logo
Won-Top Electronics
1N5400-T3 WTE-1N5400-T3 Datasheet
39Kb / 3P
   3.0A SILICON RECTIFIER
More results

Similar Description - 1N5400-G

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
A451 POWEREX-A451 Datasheet
430Kb / 4P
   GENERAL PURPOSE RECTIFIER
IN4587 POWEREX-IN4587 Datasheet
640Kb / 4P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
   General Purpose Rectifier
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
   General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
   General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
   GENERAL PURPOSE RECTIFIER
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
   General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
   General Purpose Rectifier
logo
Yangzhou yangjie electr...
GS3A YANGJIE-GS3A Datasheet
148Kb / 2P
   General Purpose Rectifier
GS5A YANGJIE-GS5A_17 Datasheet
201Kb / 2P
   General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com