Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33874BPNA Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC33874BPNA
Description  Quad High-Side Switch (Quad 35 m??
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33874BPNA Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC33874BPNA Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33874BPNA Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33874BPNA Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33874BPNA Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33874BPNA Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33874BPNA Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33874BPNA Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33874BPNA Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33874BPNA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33874
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33874 Pin Connections
Table 1. 33874 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 15.
Pin
Number
Pin Name
Pin
Function
Formal Name
Definition
1
CSNS
Output
Output Current
Monitoring
The Current Sense pin sources a current proportional to the designated
HS0
:HS3 output.
2
3
5
6
IN0
IN1
IN2
IN3
Input
Serial Inputs
The IN0:IN3 high-side input pins are used to directly control HS0:HS3 high-
side output pins, respectively.
4
TEMP
Output
Temperature
Feedback
This pin reports an analog value proportional to the temperature of the GND
flag (pins 14, 17, 23). It is used by the MCU to monitor board temperature.
7
FS
Output
Fault Status
(Active Low)
This pin is an open drain configured output requiring an external pullup resistor
to VDD for fault reporting.
8
WAKE
Input
Wake
This input pin controls the device mode and watchdog timeout feature if
enabled.
9
RST
Input
Reset
This input pin is used to initialize the device configuration and fault registers,
as well as place the device in a low-current sleep mode.
10
CS
Input
Chip Select
(Active Low)
This input pin is connected to a chip select output of a master microcontroller
(MCU).
11
SCLK
Input
Serial Clock
This input pin is connected to the MCU providing the required bit shift clock for
SPI communication.
12
SI
Input
Serial Input
This pin is a command data input pin connected to the SPI Serial Data Output
of the MCU or to the SO pin of the previous device of a daisy
-chain of devices.
13
VDD
Power
Digital Drain Voltage
(Power)
This pin is an external voltage input pin used to supply power to the SPI circuit.
Transparent Top View of Package
13
24
12
10
9
8
7
6
5
4
321
11
23
22
19
20
21
16
17
18
15
14
SO
GND
HS3
HS1
NC
HS0
HS2
GND
FSI
GND
VPWR


Similar Part No. - MC33874BPNA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33874BPNA FREESCALE-MC33874BPNA Datasheet
1Mb / 38P
   Quad High Side Switch
logo
Rohm
MC33874BPNA/R2 ROHM-MC33874BPNA/R2 Datasheet
1Mb / 38P
   Quad High Side Switch (Quad 35mOHM)
More results

Similar Description - MC33874BPNA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33580 FREESCALE-MC33580 Datasheet
1Mb / 38P
   Quad High-Side Switch (Quad 15 m??
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
logo
Rohm
MC33874 ROHM-MC33874 Datasheet
1Mb / 38P
   Quad High Side Switch (Quad 35mOHM)
logo
Freescale Semiconductor...
33874 FREESCALE-33874_08 Datasheet
1Mb / 38P
   Quad High Side Switch
logo
International Rectifier
IR8400P IRF-IR8400P Datasheet
763Kb / 16P
   QUAD HIGH SIDE SWITCH
logo
Freescale Semiconductor...
33894 FREESCALE-33894 Datasheet
1Mb / 28P
   Quad High-Side Switch
35XS3400 FREESCALE-35XS3400_11 Datasheet
1Mb / 48P
   Quad High Side Switch
10XSC425 FREESCALE-10XSC425 Datasheet
826Kb / 56P
   Quad High Side Switch
15XS3400 FREESCALE-15XS3400 Datasheet
1Mb / 51P
   Quad High Side Switch (Quad 15 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com