Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33880DWR2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC33880DWR2
Description  Configurable Octal Serial Switch with Serial Peripheral Interface I/O
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33880DWR2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC33880DWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33880DWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33880DWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33880DWR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33880DWR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33880DWR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33880DWR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33880DWR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33880DWR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33880
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 12. IPWR vs. Temperature
Figure 13. Sleep State IPWR vs. Temperature
Figure 14. Sleep State IPWR vs. VPWR
Figure 15. RDS(ON) vs. Temperature @ 250 mA
Figure 16. RDS(ON) vs. VPWR @ 250 mA
Figure 17. Current Limit IOUT(LIM) vs. Temperature
0
25
50
100
125
-40
75
-25
2
4
6
8
10
12
14
TA, Ambient Temperature (°C)
All Outputs ON
All Outputs OFF
VPWR @ 16 V
0
25
50
100
125
-40
75
-25
2
4
6
8
10
12
14
TA, Ambient Temperature
0
25
50
100
125
-40
75
-25
2
4
6
8
10
12
14
TA, Ambient Temperature (°C)
VPWR @ 16 V
5.0
10
15
20
25
0
10
20
30
40
50
60
70
VPWR
TA = 25°C
0
25
50
100
125
-40
75
-25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TA, Ambient Temperature (°C)
VPWR @ 16 V
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VPWR (V)
5.0
10
15
20
25
0
VPWR @ 16 V
0
25
50
100
125
-40
75
-25
1.0
1.1
1.2
1.3
1.4
1.5
1.6
TA, Ambient Temperature (°C)
VPWR @ 16 V


Similar Part No. - MC33880DWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33880DWR2 FREESCALE-MC33880DWR2 Datasheet
760Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results

Similar Description - MC33880DWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33880 FREESCALE-33880_08 Datasheet
760Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com