Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D7612W-20K Datasheet(PDF) 7 Page - Data Delay Devices, Inc.

Part # 3D7612W-20K
Description  8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7612W-20K Datasheet(HTML) 7 Page - Data Delay Devices, Inc.

  3D7612W-20K Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7612W-20K Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7612W-20K Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7612W-20K Datasheet HTML 4Page - Data Delay Devices, Inc. 3D7612W-20K Datasheet HTML 5Page - Data Delay Devices, Inc. 3D7612W-20K Datasheet HTML 6Page - Data Delay Devices, Inc. 3D7612W-20K Datasheet HTML 7Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
3D7608 & 3D7612
Doc #06009
DATA DELAY DEVICES, INC.
7
5/8/2006
3 Mt. Prospect Ave. Clifton, NJ 07013
SILICON DEVICE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC ± 3oC
Rload:
10K
Ω ± 10%
Supply Voltage (Vcc): 5.0V
± 0.1V
Cload:
5pf
± 10%
Input Pulse:
High = 3.0V
± 0.1V
Threshold:
1.5V (Rising & Falling)
Low = 0.0V
± 0.1V
Source Impedance:
50
Ω Max.
10K
470
5pf
Device
Under
Test
Digital
Scope
Rise/Fall Time:
3.0 ns Max. (measured
between 0.6V and 2.4V )
Pulse Width:
PWIN = 20ns
Period:
PERIN = 2 x Prog’d Pulse Width
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
OUT
TRIG
IN
REF
TRIG
Figure 7: Test Setup
DEVICE UNDER
TEST (DUT)
DIGITAL SCOPE/
TIME INTERVAL COUNTER
PULSE
GENERATOR
OUT
TRIG
COMPUTER
SYSTEM
PRINTER
Figure 8: Timing Diagram
tID
tPW
PERIN
PWIN
tRISE
tFALL
0.6
0.6
1.5
1.5
2.4
2.4
1.5
1.5
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL


Similar Part No. - 3D7612W-20K

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D7622D-0.25 DATADELAY-3D7622D-0.25 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D7622D-0.4 DATADELAY-3D7622D-0.4 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D7622D-0.5 DATADELAY-3D7622D-0.5 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D7622D-1 DATADELAY-3D7622D-1 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
More results

Similar Description - 3D7612W-20K

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3608 DATADELAY-3D3608 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
logo
National Semiconductor ...
COP888GW NSC-COP888GW Datasheet
471Kb / 44P
   8-Bit Microcontroller with Pulse Train Generators
logo
Data Delay Devices, Inc...
PPG312F DATADELAY-PPG312F Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG38F DATADELAY-PPG38F Datasheet
42Kb / 5P
   8-BIT PROGRAMMABLE PULSE GENERATOR (SERIES PPG38F)
logo
National Semiconductor ...
COP87L88RW NSC-COP87L88RW Datasheet
419Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with Pulse Train Generators and Capture Modules
logo
B&K Precision Corporati...
4033 BK-4033 Datasheet
326Kb / 3P
   50 MHz Programmable Pulse Generators
logo
Data Delay Devices, Inc...
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Frequency Devices, Inc.
858 FREQUENCYDEVICES-858 Datasheet
524Kb / 19P
   8-Bit Programmable
logo
Nippon Pulse America, I...
PCL NPM-PCL Datasheet
809Kb / 4P
   Programmable Pulse Generators PCL/PCD Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com