Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ33879AEK Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MCZ33879AEK
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33879AEK Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCZ33879AEK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33879AEK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33879AEK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33879AEK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33879AEK Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33879AEK Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33879AEK Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33879AEK Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33879AEK Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33879
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
DIGITAL INTERFACE
Input Logic High-Voltage Thresholds (9)
VIH
0.7 VDD
VDD + 0.3
V
Input Logic Low-Voltage Thresholds (9)
VIL
GND - 0.3
0.2 VDD
V
IN5, IN6, EN Input Logic Current
IN5, IN6, EN = 0 V
IIN5, IIN6, IEN
-10
10
µA
IN5, IN6 Pulldown Current
0.8 V to 5.0 V
IIN5, IIN6,
30
45
100
µA
EN Pulldown Current
EN = 5.0 V
IEN
20
45
100
µA
SCLK, DI Input, Tri-State DO Output
0 V to 5.0 V
ISCK, IDI, ITRI-
DO
-10
10
µA
CS Input Current
CS = VDD
ICS
-10
10
µA
CS Pullup Current
CS = 0 V
ICS
-30
-100
µA
CS Leakage Current to VDD
CS = 5.0 V, VDD = 0 V
ICS(LKG)
10
µA
DO High-State Output Voltage
IDO-HIGH = -1.6 mA
VDOHIGH
VDD - 0.4
VDD
V
DO Low-State Output Voltage
IDO-LOW = 1.6 mA
VDOLOW
0.4
V
Input Capacitance on SCLK, DI, Tri-State DO, IN5, IN6, EN (10)
CIN
20
pF
Notes
9.
Upper and lower logic threshold voltage levels apply to DI, CS, SCLK, IN5, IN6, and EN.
10.
This parameter is guaranteed by design; however, it is not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 3.1 V
≤ V
DD ≤ 5.5 V, 5.5 V ≤ VPWR ≤ 18 V, -40°C ≤ TC ≤ 125°C unless otherwise noted.
Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MCZ33879AEK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33879AEK FREESCALE-MCZ33879AEK Datasheet
654Kb / 25P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
MCZ33879AEK/R2 FREESCALE-MCZ33879AEK/R2 Datasheet
804Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
MCZ33879AEKR2 FREESCALE-MCZ33879AEKR2 Datasheet
654Kb / 25P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
More results

Similar Description - MCZ33879AEK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33879 MOTOROLA-MC33879 Datasheet
408Kb / 20P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879 NXP-MC33879_V02 Datasheet
717Kb / 30P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.1 - 11 May 2023
MC33879 NXP-MC33879 Datasheet
1,012Kb / 26P
   Configurable octal serial switch with open load detect current disable
Rev. 11.0, 7/2016
MC33879 NXP-MC33879_V01 Datasheet
762Kb / 29P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.0 - 10 May 2022
logo
Freescale Semiconductor...
33879 FREESCALE-33879_12 Datasheet
645Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879_08 Datasheet
654Kb / 25P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879_09 Datasheet
804Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33880 FREESCALE-33880_09 Datasheet
1Mb / 25P
   Configurable Octal Serial Switch
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
33880 FREESCALE-33880 Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com