Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ33880EGR2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MCZ33880EGR2
Description  Configurable Octal Serial Switch with Serial Peripheral Interface I/O
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33880EGR2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCZ33880EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33880EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33880EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33880EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33880EGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33880EGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33880EGR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33880EGR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33880EGR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33880
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 9. Valid Data Delay Time and Valid Time
Waveforms
Figure 10. Enable and Disable Time Waveforms
Figure 11. Turn-ON/OFF Waveforms
(Low-to-High)
tF(DI)
tR(DI)
0.2 VDD
0.7 VDD
0.2 VDD
0.7 VDD
tVALID
tr(DO)
VOL
VOH
VOL
VOH
tDLY(HL)
tDLY(LH)
0.2 VDD
0.7 VDD (2.5 V)
0
5.0 V
< 50 ns
50%
< 50 ns
DO
SCLK
(High-to-Low)
DO
90%
tR(DI)
tF(DI)
VOH
tSO(DIS)
0
5.0 V
DO
tDO(DIS)
tDO(EN)
tDO(DIS)
tDO(EN)
(Tri-State to Low)
0.7 VDD
0.2 VDD (2.5 V)
<50 ns
<50 ns
CS
90%
DO
(Tri-State to High)
10%
10%
90%
10%
VTri-State
VTri-State
90%
tR(DI)
tF(DI)
VTri-State
VOH
tSO(DIS)
0
5.0 V
DO
tDO(DIS)
tDO(EN)
tDO(DIS)
tDO(EN)
(Tri-State to Low)
0.7 VDD
0.2 VDD (2.5 V)
<50 ns
CS
90%
DO
(Tri-State to High)
10%
10%
90%
10%
VTri-State
<50 ns


Similar Part No. - MCZ33880EGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33880EGR2 FREESCALE-MCZ33880EGR2 Datasheet
760Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results

Similar Description - MCZ33880EGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33880 FREESCALE-33880_08 Datasheet
760Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com