Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ33879AEKR2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCZ33879AEKR2
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33879AEKR2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCZ33879AEKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCZ33879AEKR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33879
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DIGITAL INTERFACE TIMING (14)
Recommended Frequency of SPI Operation (14)
fSPI
4.0
MHz
Falling Edge of CS to Rising Edge of SCLK (Required Setup Time)
tLEAD
100
ns
Falling Edge of SCLK to Rising Edge of CS (Required Setup Time)
tLAG
50
ns
DI to Falling Edge of SCLK (Required Setup Time)
tDI(SU)
16
ns
Falling Edge of SCLK to DI (Required Hold Time)
tDI(HOLD)
20
ns
DI, CS, SCLK Signal Rise Time (15)
t R(DI)
5.0
ns
DI, CS, SCLK Signal Fall Time (15)
t F(DI)
5.0
ns
Time from Falling Edge of CS to DO Low Impedance (16)
tDO(EN)
55
ns
Time from Rising Edge of CS to DO High Impedance (17)
tDO(DIS)
55
ns
Time from Rising Edge of SCLK to DO Data Valid (18)
tVALID
25
55
ns
Notes
14.
This parameter is guaranteed by design. Production test equipment uses 4.16 MHz, 5.5 V/3.1 V SPI interface.
15.
Rise and Fall time of incoming DI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
16.
Time required for output status data to be available for use at DO pin.
17.
Time required for output status data to be terminated at DO pin.
18.
Time required to obtain valid data out from DO following the rise of SCLK.
Table 5. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 3.1 V
≤ V
DD ≤ 5.5 V, 5.5 V ≤ VPWR ≤ 18 V, -40°C ≤ TC ≤ 125°C unless otherwise noted.
Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MCZ33879AEKR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33879AEKR2 FREESCALE-MCZ33879AEKR2 Datasheet
654Kb / 25P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
More results

Similar Description - MCZ33879AEKR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33879 MOTOROLA-MC33879 Datasheet
408Kb / 20P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879 NXP-MC33879_V02 Datasheet
717Kb / 30P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.1 - 11 May 2023
MC33879 NXP-MC33879 Datasheet
1,012Kb / 26P
   Configurable octal serial switch with open load detect current disable
Rev. 11.0, 7/2016
MC33879 NXP-MC33879_V01 Datasheet
762Kb / 29P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.0 - 10 May 2022
logo
Freescale Semiconductor...
33879 FREESCALE-33879_12 Datasheet
645Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879_08 Datasheet
654Kb / 25P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879_09 Datasheet
804Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33880 FREESCALE-33880_09 Datasheet
1Mb / 25P
   Configurable Octal Serial Switch
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
33880 FREESCALE-33880 Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com