Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S908QY2AD1CDT Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # S908QY2AD1CDT
Description  Microcontrollers
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S908QY2AD1CDT Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  S908QY2AD1CDT Datasheet HTML 1Page - Freescale Semiconductor, Inc S908QY2AD1CDT Datasheet HTML 2Page - Freescale Semiconductor, Inc S908QY2AD1CDT Datasheet HTML 3Page - Freescale Semiconductor, Inc S908QY2AD1CDT Datasheet HTML 4Page - Freescale Semiconductor, Inc S908QY2AD1CDT Datasheet HTML 5Page - Freescale Semiconductor, Inc S908QY2AD1CDT Datasheet HTML 6Page - Freescale Semiconductor, Inc S908QY2AD1CDT Datasheet HTML 7Page - Freescale Semiconductor, Inc S908QY2AD1CDT Datasheet HTML 8Page - Freescale Semiconductor, Inc S908QY2AD1CDT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 200 page
background image
Revision History
MC68HC908QYA/QTA Family Data Sheet, Rev. 2
4
Freescale Semiconductor
The following revision history table summarizes changes contained in this document. For your
convenience, the page number designators have been linked to the appropriate location.
Revision History
Date
Revision
Level
Description
Page
Number(s)
December,
2005
N/A
Initial release
N/A
August,
2006
1
Added 1.7 Unused Pin Termination.
20
Figure 4-1. Auto Wakeup Interrupt Request Generation Logic — Corrected
clock source.
51
4.3 Functional Description — Clarified operation.
52
4.5.1 Wait Mode — Corrected operation details.
53
4.6.4 Configuration Register 2 — Corrected clock source.
55
4.6.5 Configuration Register 1 — Added SSREC bit description.
55
5.2 Functional Description — Corrected clock source.
58
12.1 Introduction — Replaced note.
103
13.7.2 Stop Mode — Corrected clock source.
121
16.12 Supply Current Characteristics — Updated maximum values for SIDD
at both 5 V and 3 V.
165
A.2.3 Improved Auto Wakeup Module (AWU) — Corrected clock source.
194
April,
2007
2
Chapter 3 Analog-to-Digital Converter (ADC10) Module — Renamed ADCSC
register to ADSCR to be consistent with development tools.
37
Figure 15-18. Monitor Mode Entry Timing — Changed CGMXCLK to
BUSCLKX4
154
16.12 Supply Current Characteristics — Added note 6 below table
165
Chapter 17 Ordering Information and Mechanical Specifications — Updated
chapter to include:
Table 17-1. Consumer and Industrial Device Numbering System
Table 17-2. Automotive Device Numbering System
17.3 Orderable Part Numbering System
17.3.1 Consumer and Industrial Orderable Part Numbering System
17.3.2 Automotive Orderable Part Number System
171
171
172
172
172


Similar Part No. - S908QY2AD1CDT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S908QY2AD1CDTE FREESCALE-S908QY2AD1CDTE Datasheet
2Mb / 200P
   M68HC08 Microcontrollers
More results

Similar Description - S908QY2AD1CDT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com