Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCZ33889DEGR2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MCZ33889DEGR2
Description  System Basis Chip with Low Speed Fault Tolerant CAN Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33889DEGR2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MCZ33889DEGR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33889DEGR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33889DEGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33889DEGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33889DEGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33889DEGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33889DEGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33889DEGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33889DEGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33889
PIN CONNECTIONS
25
MISO
Output
Master In/Slave Out
SPI data sent to the MCU by the 33889. When CSLOW is HIGH, the pin
is in the high impedance state.
26
MOSI
Input
Master Out/Slave In
SPI data received by the 33889.
27
CS
Input
Chip Select
The CSLOW input pin is used with the SPI bus to select the 33889. When
the CSLOW is asserted LOW, the 33889 is the selected device of the SPI
bus.
28
WDOG
Output
Watchdog
The WDOG output pin is asserted LOW if the software watchdog is not
correctly triggered.
Table 2. Pin Definitions (continued)
A functional description of each pin can be found in the Functional pin description section page 24.
Pin
Pin Name
Pin
Function
Formal Name
Definition


Similar Part No. - MCZ33889DEGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33889DEG/R2 FREESCALE-MCZ33889DEG/R2 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
More results

Similar Description - MCZ33889DEGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
   System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com