Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA3010SYCK Datasheet(PDF) 5 Page - Kingbright Corporation

Part # APA3010SYCK
Description  3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APA3010SYCK Datasheet(HTML) 5 Page - Kingbright Corporation

  APA3010SYCK Datasheet HTML 1Page - Kingbright Corporation APA3010SYCK Datasheet HTML 2Page - Kingbright Corporation APA3010SYCK Datasheet HTML 3Page - Kingbright Corporation APA3010SYCK Datasheet HTML 4Page - Kingbright Corporation APA3010SYCK Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: DSAD1041
REV NO: V.7
DATE: MAY/07/2007
PAGE: 5 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203000654
PACKING & LABEL SPECIFICATIONS
APA3010SYCK


Similar Part No. - APA3010SYCK

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA3010SYCK-GX KINGBRIGHT-APA3010SYCK-GX Datasheet
243Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APA3010SYCK-GX TO-GRACE-APA3010SYCK-GX Datasheet
816Kb / 4P
   3.0 x 1.0 mm Right Angle SMD Chip LED Lamp
More results

Similar Description - APA3010SYCK

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZM2CY56W SUNLED-ZM2CY56W Datasheet
186Kb / 4P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APA3010PBC KINGBRIGHT-APA3010PBC Datasheet
280Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010MGC KINGBRIGHT-APA3010MGC Datasheet
274Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SRCPRV KINGBRIGHT-APA3010SRCPRV Datasheet
275Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APA3010QWF-F-GX TO-GRACE-APA3010QWF-F-GX Datasheet
1Mb / 6P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APA3010PBC-A KINGBRIGHT-APA3010PBC-A Datasheet
290Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010RWF_0706 KINGBRIGHT-APA3010RWF_0706 Datasheet
348Kb / 7P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010CGCK KINGBRIGHT-APA3010CGCK Datasheet
274Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010QBC KINGBRIGHT-APA3010QBC Datasheet
281Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010MGC-GX KINGBRIGHT-APA3010MGC-GX Datasheet
250Kb / 5P
   3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com