Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23C1024PC-15 Datasheet(PDF) 3 Page - Macronix International

Part # MX23C1024PC-15
Description  1M-BIT [64K x 16] CMOS MASK ROM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23C1024PC-15 Datasheet(HTML) 3 Page - Macronix International

  MX23C1024PC-15 Datasheet HTML 1Page - Macronix International MX23C1024PC-15 Datasheet HTML 2Page - Macronix International MX23C1024PC-15 Datasheet HTML 3Page - Macronix International MX23C1024PC-15 Datasheet HTML 4Page - Macronix International MX23C1024PC-15 Datasheet HTML 5Page - Macronix International MX23C1024PC-15 Datasheet HTML 6Page - Macronix International MX23C1024PC-15 Datasheet HTML 7Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
P/N:PM0189
REV. 1.3, JAN. 29, 1999
MX23C1024
AC Test Conditions
Input Pulse Levels
0.4V~ 2.4V
Input Rise and Fall Times
10ns
Input Timing Level
1.5V
Output Timing Level
0.8V and 2.0V
Output Load
1TLL+100pF
AC CHARACTERISTICS (Ta = 0°C ~ 70°C, VCC = 5V±10%)
Item
Symbol
23C1024-12
23C1024-15
23C1024-20
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
CONDITIONS
Cycle Time
tCYC
120ns
-
150ns
-
200ns
-
Address Access Time
tAA
-
120ns
-
150ns
-
200ns
Output Hold Time After
tOH
0ns
-
0ns
-
0ns
-
Address Change
Chip Enable Access Time
tACE
-
120ns
-
150ns
-
200ns
Output Enable/Chip Select
tAOE
-
70ns
-
80ns
-
90ns
Access Time
Output Low Z Delay
tLZ
0ns
-
0ns
-
0ns
-
Note 3
Output High Z Delay
tHZ
-
70ns
-
70ns
-
70ns
Note 4
Note:
1. Measured with device selected at f=5 MHz and output unloaded.
2. This parameter is periodically sampled and is not 100% teseted.
3. Output low-impedance delay (tLA) is measured from CE going low.
4. Output high-impedance delay (tHZ) is measured from CE going high.
INDEX


Similar Part No. - MX23C1024PC-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C1010 MCNIX-MX23C1010 Datasheet
116Kb / 7P
   1M-BIT MASK ROM (8 BIT OUTPUT)
MX23C1010MC-10 MCNIX-MX23C1010MC-10 Datasheet
116Kb / 7P
   1M-BIT MASK ROM (8 BIT OUTPUT)
MX23C1010MC-12 MCNIX-MX23C1010MC-12 Datasheet
116Kb / 7P
   1M-BIT MASK ROM (8 BIT OUTPUT)
MX23C1010MC-15 MCNIX-MX23C1010MC-15 Datasheet
116Kb / 7P
   1M-BIT MASK ROM (8 BIT OUTPUT)
MX23C1010MC-45 MCNIX-MX23C1010MC-45 Datasheet
116Kb / 7P
   1M-BIT MASK ROM (8 BIT OUTPUT)
More results

Similar Description - MX23C1024PC-15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L9316 AMICC-A23L9316 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
logo
List of Unclassifed Man...
TC531024P-12 ETC1-TC531024P-12 Datasheet
226Kb / 5P
   1M BIT (65536 WORD X 16 BIT) CMOS MASK ROM
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
logo
Toshiba Semiconductor
TC531001 TOSHIBA-TC531001 Datasheet
235Kb / 5P
   1M BIT (128K WORD x 8 BIT) CMOS MASK ROM
logo
List of Unclassifed Man...
MX23C4096 ETC-MX23C4096 Datasheet
53Kb / 6P
   4M-BIT [256K x 16] CMOS MASK ROM
logo
AMIC Technology
A23L8316 AMICC-A23L8316 Datasheet
221Kb / 12P
   256K X 16 / 512K X 8 BIT CMOS MASK ROM
A23L3616 AMICC-A23L3616 Datasheet
193Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com