Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37941X1332K072 Datasheet(PDF) 9 Page - EPCOS

Part # B37941X1332K072
Description  Multilayer ceramic capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37941X1332K072 Datasheet(HTML) 9 Page - EPCOS

Back Button B37941X1332K072 Datasheet HTML 5Page - EPCOS B37941X1332K072 Datasheet HTML 6Page - EPCOS B37941X1332K072 Datasheet HTML 7Page - EPCOS B37941X1332K072 Datasheet HTML 8Page - EPCOS B37941X1332K072 Datasheet HTML 9Page - EPCOS B37941X1332K072 Datasheet HTML 10Page - EPCOS B37941X1332K072 Datasheet HTML 11Page - EPCOS B37941X1332K072 Datasheet HTML 12Page - EPCOS B37941X1332K072 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Multilayer ceramic capacitor
B37941X
MLSC series
MLSC 0805, 50 V and 100 V
No. Stress test
Specification and acceptance criteria
Test description in
accordance to AEC-Q200
X7R
8
Operational life
∆C/C within ±10%
∆C/C within ±12.5% for 25 V
D.F. < 25 · 10
-3
D.F. < 75 · 10
-3 for 25 V
I.R. > 1 · 10
3 MΩ or τ > 50 s resp. 25 s for 25 V
(whichever is less)
Apply 125 °C and 1.5 times rated
voltage for 1000 ±12 h, surge current <
50 mA, measurements 24 ±2 h after
heat treatment (150 °C, 1 h) @ room
temperature
9
External visual
No defects or abnormalities
Visual inspection
10
Physical dimensions
Criteria in accordance to chapter “Dimensional
drawing and part dimensions”
-
12
Resistance to solvents
∆C/C within ±4.5%
∆C/C within ±7.5% for 25 V
D.F. < 25 · 10
-3
D.F. < 50 · 10
-3 for 25 V
I.R. > 1 · 10
5 MΩ or τ > 1000 s resp. 500 s for 25 V
(whichever is less)
Immerse the components in solvents
(as per MIL-STD-202 Method 215) for 3
min each (25 °C, or 63 to 70 °C)
Solvents:
a)
Isoporpyl alcohol (1 part)
and mineral spirit (3 parts)
b)
Terpene defluxer
c)
Water (42 parts), propylene
glycol monomethyl ether (1
part) and
monomethanolamine (1
part)
13
Mechanical shock
∆C/C within ±4.5%
∆C/C within ±7.5% for 25 V
D.F. < 25 · 10
-3
D.F. < 50 · 10
-3 for 25 V
I.R. > 1 · 10
5 MΩ or τ > 1000 s resp. 500 s for 25 V
(whichever is less)
Fix the component on PCB and perform
3 shocks in each direction along the 3
mutually perpendicular axes of the
MLCC (in total 18 shocks), half-sine
puls form, 1500 g peak value, 0.5 ms
duration
14
Vibration
∆C/C within ±4.5%
∆C/C within ±7.5% for 25 V
D.F. < 25 · 10
-3
D.F. < 50 · 10
-3 for 25 V
I.R. > 1 · 10
5 MΩ or τ > 1000 s resp. 500 s for 25 V
(whichever is less)
Fix the component on PCB and perform
12 cycles in each of the 3 mutually
perpendicular axes of the MLCC (in
total 36 cycles). Subject the MLCC to a
simple harmonic motion variing the
frequency logarithmically between 10
and 2000 Hz and return to 10 Hz
(duration approx. 20 min) with an
amplitude of 1.5 mm
KB VS PE
July 2005
Please read Cautions and warnings and
Page 9 of 14
Important notes at the end of this document.


Similar Part No. - B37941X1332K072

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37941X1332K070 EPCOS-B37941X1332K070 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
More results

Similar Description - B37941X1332K072

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com