Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33993 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33993
Description  Multiple Switch Detection Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33993 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33993 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Document Number: MC33993
Rev. 4.0, 6/2007
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2003-2007. All rights reserved.
Multiple Switch Detection
Interface
The 33993 Multiple Switch Detection Interface is designed to detect
the closing and opening of up to 22 switch contacts. The switch status,
either open or closed, is transferred to the microprocessor unit (MCU)
through a serial peripheral interface (SPI). The device also features a
22-to-1 analog multiplexer for reading inputs as analog. The analog
input signal is buffered and provided on the AMUX output pin for the
MCU to read.
The 33993 device has two modes of operation, Sleep and Normal.
The Sleep mode provides low quiescent current and enables the
wake-up features of the device. Normal mode allows programming of
the device and supplies switch contacts with pull-up or pull-down
current as it monitors switch change of state.
The 33993 is packaged in the 32-pin wide-body SOIC, reducing
circuit board area. Low quiescent current makes the 33993 ideal for
automotive and industrial products requiring low sleep state currents.
Features
• Designed to Operate 5.5 V
≤ V
PWR ≤ 26 V
• Switch Input Voltage Range -14 V to VPWR, 40 V Max
• Interfaces Directly to Microprocessor Using 3.3 V/5.0 V SPI
Protocol
• Selectable Wake-Up on Change of State
• Selectable Wetting Current (16 mA or 2.0 mA)
• 8 Programmable Inputs (Switches to Battery or Ground)
• 14 Switch-to-Ground Inputs
•VPWR Standby Current 100 µA Typical, VDD Standby Current 20 µA Typical
• Active Interrupt (INT) on Change-of-Switch State
• Pb-Free Packaging Designated by Suffix Code EW
Figure 1. MC33993 Simplified Application Diagram
MULTIPLE SWITCH
DETECTION INTERFACE
DW SUFFIX
EK SUFFIX (PB-FREE)
98ARH99137A
32-PIN SOICW
33993
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33993DWB/R2
-40°C to 125°C
32 SOICW
MCZ33993EW/R2
VDD
VDD
VPWR
Power Supply
LVI
Enable
Watchdog
Reset
VDD
SI
SO
SCLK
INT
CS
AMUX
MOSI
MISO
AN0
VBAT
SP0
SP1
SP7
SG1
SG0
SG12
SG13
WAKE
33993
SCLK
CS
INT
MCU
GND
VBAT
VBAT


Similar Part No. - 33993

ManufacturerPart #DatasheetDescription
logo
Heyco.
3399 HEYCO-3399 Datasheet
208Kb / 1P
   PCB Supports and LED Spacers LabKit #10
logo
3M Electronics
3399-6000 3M-3399-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
3399-6050 3M-3399-6050 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3399-60E 3M-3399-60E Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3399-60I 3M-3399-60I Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
More results

Similar Description - 33993

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
logo
Freescale Semiconductor...
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
logo
NXP Semiconductors
CD1020 NXP-CD1020 Datasheet
1Mb / 56P
   22 channel multiple switch detection interface
Rev. 4, 7/2019
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
MC33978 NXP-MC33978 Datasheet
2Mb / 68P
   22 channel multiple switch detection interface with programmable wetting current
Rev. 9, 1/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com