Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33993 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33993
Description  Multiple Switch Detection Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33993 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33993 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33993
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33993 Simplified Internal Block Diagram
+
5.0 V
125 k
VDD
Analog Mux
Output
VPWR, VDD, 5.0 V
POR
Oscillator
Clock Control
Bandgap
Sleep PWR
40
µA
SPI Interface
and Control
WAKE Control
INT Control
Temperature
Monitor and
Control
MUX Interface
SP0
SP1
SG0
SP2
SP3
SP4
SP5
SP6
SP7
SG2
SG1
SG3
SG4
SG5
SG6
SG7
SG8
SG9
SG10
SG11
SG12
SG13
WAKE
INT
SCLK
CS
SO
AMUX
SI
VDD
VPWR
GND
VPWR
5.0 V
VPWR
5.0 V
5.0 V
VPWR
VDD
VDD
and
5.0 V
+
4.0 V
Comparator
To
VPWR
SG0
SPI
Ref
2.0
mA
16.0
mA
VPWR
5.0 V
125 k
VDD
2.0
+
4.0 V
Comparator
To
VPWR
SP7
SPI
Ref
mA
2.0
mA
16.0
mA
16.0
mA
VPWR
2.0
+
4.0 V
Comparator
To
VPWR
SP0
SPI
Ref
mA
2.0
mA
16.0
mA
16.0
mA
VPWR
+
4.0 V
Comparator
To
VPWR
SG13
SPI
Ref
2.0
mA
16.0
mA
VPWR


Similar Part No. - 33993

ManufacturerPart #DatasheetDescription
logo
Heyco.
3399 HEYCO-3399 Datasheet
208Kb / 1P
   PCB Supports and LED Spacers LabKit #10
logo
3M Electronics
3399-6000 3M-3399-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
3399-6050 3M-3399-6050 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3399-60E 3M-3399-60E Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3399-60I 3M-3399-60I Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
More results

Similar Description - 33993

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
logo
Freescale Semiconductor...
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
logo
NXP Semiconductors
CD1020 NXP-CD1020 Datasheet
1Mb / 56P
   22 channel multiple switch detection interface
Rev. 4, 7/2019
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
MC33978 NXP-MC33978 Datasheet
2Mb / 68P
   22 channel multiple switch detection interface with programmable wetting current
Rev. 9, 1/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com