Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37941X5473K072 Datasheet(PDF) 10 Page - EPCOS

Part # B37941X5473K072
Description  Multilayer ceramic capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37941X5473K072 Datasheet(HTML) 10 Page - EPCOS

Back Button B37941X5473K072 Datasheet HTML 6Page - EPCOS B37941X5473K072 Datasheet HTML 7Page - EPCOS B37941X5473K072 Datasheet HTML 8Page - EPCOS B37941X5473K072 Datasheet HTML 9Page - EPCOS B37941X5473K072 Datasheet HTML 10Page - EPCOS B37941X5473K072 Datasheet HTML 11Page - EPCOS B37941X5473K072 Datasheet HTML 12Page - EPCOS B37941X5473K072 Datasheet HTML 13Page - EPCOS B37941X5473K072 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Multilayer ceramic capacitor
B37941X
MLSC series
MLSC 0805, 50 V and 100 V
No. Stress test
Specification and acceptance criteria
Test description in
accordance to AEC-Q200
X7R
15
Resistance to soldering heat
∆C/C within ±4.5%
∆C/C within ±7.5% for 25 V
D.F. < 25 · 10
-3
D.F. < 50 · 10
-3 for 25 V
I.R. > 1 · 10
5 MΩ or τ > 1000 s resp. 500 s for 25 V
(whichever is less)
Immerse the MLCC in and eutectic
solder at 260 ±5 °C for 10 ±1 s,
measurements 24 ±2 h after test @
room temperature
16
Thermal shock
-
Covered by more severe tests No. 4
17
ESD
∆C/C within ±4.5%
∆C/C within ±7.5% for 25 V
D.F. < 25 · 10
-3
D.F. < 50 · 10
-3 for 25 V
I.R. > 1 · 10
5 MΩ or τ > 1000 s resp. 500 s for 25 V
(whichever is less)
Test setup and performance as per
AEC-Q200-002.
Note: Test and classification only for
information. For ESD protection the
use of MLV is recommended.
18
Solderability
Covering of 95% of end terminations, checked by visual
inspection. No leaching of contacts.
Conditions:
a)
Preconditioning at 155 °C
for 4 h, immerse the MLCC in
eutectic solder (60/40 SnPb) at
235 °C ±5 °C for 5 +0/-0.5 s.
b)
Preconditioning by steam
aging for 8 h ± 15 min, immerse
the MLCC in eutectic solder (60/40
SnPb) at 235 °C ±5 °C for 5 +0/-
0.5 s.
c)
Preconditioning by steam
aging for 8 h ±15 min, immerse
the MLCC in eutectic solder (60/40
SnPb) at 260 °C ±5 °C for 120 ±5
s.
KB VS PE
July 2005
Please read Cautions and warnings and
Page 10 of 14
Important notes at the end of this document.


Similar Part No. - B37941X5473K072

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37941X5473K070 EPCOS-B37941X5473K070 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
More results

Similar Description - B37941X5473K072

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com