Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA3020YT Datasheet(PDF) 3 Page - Kingbright Corporation

Part # AA3020YT
Description  3.0 x 2.0mm SINGLE COLOR SURFACE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3020YT Datasheet(HTML) 3 Page - Kingbright Corporation

  AA3020YT Datasheet HTML 1Page - Kingbright Corporation AA3020YT Datasheet HTML 2Page - Kingbright Corporation AA3020YT Datasheet HTML 3Page - Kingbright Corporation AA3020YT Datasheet HTML 4Page - Kingbright Corporation AA3020YT Datasheet HTML 5Page - Kingbright Corporation AA3020YT Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AA3020-3
High Efficiency Red AA3020EC,AA3020IT


Similar Part No. - AA3020YT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3020YC KINGBRIGHT-AA3020YC Datasheet
114Kb / 4P
   3.0x2.0mm SURFACE MOUNT LED LAMP
More results

Similar Description - AA3020YT

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BRPY1204W STANLEY-BRPY1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
BRBG1204W STANLEY-BRBG1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
logo
HK TO-GRACE TECHNOLOGY ...
KA-3022CGSK-4.5SF TO-GRACE-KA-3022CGSK-4.5SF Datasheet
944Kb / 4P
   3.0 x 2.2 mm Single Color Surface Mount LED Lamp
logo
Kingbright Corporation
KPK-3020PBC KINGBRIGHT-KPK-3020PBC Datasheet
95Kb / 4P
   3.0 X 2.0mm SMD SHIP LED LAMP
APK3020SGC KINGBRIGHT-APK3020SGC Datasheet
88Kb / 5P
   3.0 X 2.0MM SMD CHIP LED LAMP
logo
Rohm
SML-01 ROHM-SML-01_11 Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
logo
STANLEY ELECTRIC CO.,LT...
BG1101F-TR STANLEY-BG1101F-TR Datasheet
410Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
1101F STANLEY-1101F Datasheet
367Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
logo
LUMEX INC.
SML-LXF0805UPGC-TR LUMEX-SML-LXF0805UPGC-TR Datasheet
62Kb / 1P
   2.0mm x 1.25mm SURFACE MOUNT LED
SML-LX1106SUGC-TR LUMEX-SML-LX1106SUGC-TR_17 Datasheet
85Kb / 1P
   2.0mm X 1.25mm PCB Surface Mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com