Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA3020YT Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AA3020YT
Description  3.0 x 2.0mm SINGLE COLOR SURFACE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3020YT Datasheet(HTML) 1 Page - Kingbright Corporation

  AA3020YT Datasheet HTML 1Page - Kingbright Corporation AA3020YT Datasheet HTML 2Page - Kingbright Corporation AA3020YT Datasheet HTML 3Page - Kingbright Corporation AA3020YT Datasheet HTML 4Page - Kingbright Corporation AA3020YT Datasheet HTML 5Page - Kingbright Corporation AA3020YT Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AA3020-1
Package Dimensions
3.0x2.0mm SINGLE COLOR SURFACE
MOUNT LED LAMPS
AA3020 EC
AA3020IT
AA3020SGC
AA3020SGT
AA3020YC
AA3020YT
Description
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
The Super Bright Green source color devices are made with
Gallium Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subjected to change without notice.
Features
3.0MM X 2.0MM, 1.4MM HIGH, ONLY MINIMUM
SPACE REQUIRED.
SUITABLE FOR COMPACT OPTOELECTRONIC
APPLICATIONS.
LOW POWER CONSUMPTION.
EMBOSSED TAPING.


Similar Part No. - AA3020YT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3020YC KINGBRIGHT-AA3020YC Datasheet
114Kb / 4P
   3.0x2.0mm SURFACE MOUNT LED LAMP
More results

Similar Description - AA3020YT

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BRPY1204W STANLEY-BRPY1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
BRBG1204W STANLEY-BRBG1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
logo
HK TO-GRACE TECHNOLOGY ...
KA-3022CGSK-4.5SF TO-GRACE-KA-3022CGSK-4.5SF Datasheet
944Kb / 4P
   3.0 x 2.2 mm Single Color Surface Mount LED Lamp
logo
Kingbright Corporation
KPK-3020PBC KINGBRIGHT-KPK-3020PBC Datasheet
95Kb / 4P
   3.0 X 2.0mm SMD SHIP LED LAMP
APK3020SGC KINGBRIGHT-APK3020SGC Datasheet
88Kb / 5P
   3.0 X 2.0MM SMD CHIP LED LAMP
logo
Rohm
SML-01 ROHM-SML-01_11 Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
logo
STANLEY ELECTRIC CO.,LT...
BG1101F-TR STANLEY-BG1101F-TR Datasheet
410Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
1101F STANLEY-1101F Datasheet
367Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
logo
LUMEX INC.
SML-LXF0805UPGC-TR LUMEX-SML-LXF0805UPGC-TR Datasheet
62Kb / 1P
   2.0mm x 1.25mm SURFACE MOUNT LED
SML-LX1106SUGC-TR LUMEX-SML-LX1106SUGC-TR_17 Datasheet
85Kb / 1P
   2.0mm X 1.25mm PCB Surface Mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com