Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

908E621 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 908E621
Description  Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E621 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 908E621 Datasheet HTML 2Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 3Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 4Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 5Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 6Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 7Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 8Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 9Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
908E621
MAXIMUM RATINGS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding limits on any terminal may cause permanent
damage to the device.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
Supply Voltage
Analog Chip Supply Voltage under Normal Operation (Steady-State)
Analog Chip Supply Voltage under Transient Conditions (1)
MCU Chip Supply Voltage
VSUP(SS)
VSUP(PK)
VDD
-0.3 to 28
-0.3 to 40
-0.3 to 5.5
V
Input Terminal Voltage
Analog Chip
Microcontroller Chip
VIN(ANALOG)
VIN(MCU)
-0.3 to 5.5
VSS-0.3 to VDD+0.3
V
Maximum Microcontroller Current per Terminal
All Terminals except VDD, VSS, PTA0:PTA4
PTA0:PTA4
IPIN(1)
IPIN(2)
±15
±25
mA
Maximum Microcontroller VSS Output Current
IMVSS
100
mA
Maximum Microcontroller VDD Input Current
IMVDD
100
mA
LIN Supply Voltage
Normal Operation (Steady-State)
Transient Input Voltage (per ISO7637 Specification) and with
External Components (Figure 4, page 18)
VBUS(SS)
VBUS(PK)
-18 to 40
-150 to 100
V
ESD Voltage (2)
Human Body Model H0 terminal
Human Body Model all other terminals
Machine Model
Charge Device Model
VESD1-1
VESD1-2
VESD2
VESD3
±1000
±2000
±200
±750
V
Notes
1.
Transient capability for pulses with a time of t < 0.5 sec.
2.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP =1500 Ω), the Machine Model
(CZAP =200 pF, RZAP =0 Ω) and the Charge Device Model, Robotic (CZAP =4.0 pF).


Similar Part No. - 908E621

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_12 Datasheet
1Mb / 60P
   Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
More results

Similar Description - 908E621

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_12 Datasheet
1Mb / 60P
   Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
   Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
   Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E622 FREESCALE-908E622_12 Datasheet
1Mb / 63P
   Integrated Quad Half-bridge, Triple High Side amd EC Glass Driver with Embedded MCU and LIN for High End Mirror
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com