Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGF1601B Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # MGF1601B
Description  MICROWAVE POWER GaAs FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGF1601B Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MGF1601B_1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGF1601B_1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF1601B_1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGF1601B_1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MGF1601B
MITSUBISHI SEMICONDUCTOR GaAs FET
MICROWAVE POWER GaAs FET
Nov. ´97
+90˚
-90˚
S21 ,S12 vs. f.
0.2
1
S21
5
0.5GHz
S12
S PARAMETERS (Ta=25˚C,VDS=6V,ID=100mA)
Freq.
(GHz)
0.899
0.874
0.848
0.822
0.796
0.771
0.745
0.719
0.713
0.706
0.700
0.694
0.691
0.689
0.686
0.683
0.677
0.670
0.664
0.657
0.645
0.632
0.620
0.608
-56.8
-69.4
-82.1
-94.7
-107.4
-120.0
-132.7
-145.3
-153.3
-161.3
-169.3
-177.3
176.9
171.1
165.2
159.4
153.1
146.9
140.6
134.3
127.8
121.3
114.8
108.3
6.115
5.682
5.248
4.815
4.382
3.949
3.515
3.082
2.863
2.645
2.426
2.207
2.090
1.973
1.856
1.739
1.671
1.602
1.534
1.466
1.413
1.360
1.308
1.255
140.3
130.4
120.5
110.6
100.6
90.8
80.9
71.0
63.3
55.6
47.9
40.2
33.9
27.5
21.2
14.8
8.5
2.1
-4.3
-10.6
-17.0
-23.4
-29.7
-36.1
0.047
0.049
0.050
0.052
0.054
0.056
0.057
0.059
0.060
0.062
0.063
0.064
0.068
0.073
0.077
0.081
0.089
0.096
0.104
0.111
0.118
0.126
0.133
0.140
52.1
49.3
46.4
43.6
40.8
38.0
35.1
32.3
33.3
34.3
35.2
36.2
37.6
39.0
40.4
41.8
40.5
39.3
38.0
36.7
33.2
29.8
26.3
22.8
0.471
0.462
0.452
0.442
0.432
0.422
0.413
0.403
0.412
0.421
0.431
0.440
0.458
0.476
0.494
0.512
0.530
0.549
0.567
0.585
0.601
0.618
0.635
0.651
-25.2
-32.7
-40.1
-47.5
-54.9
-62.4
-69.8
-77.2
-84.2
-91.1
-98.1
-105.0
-110.3
-115.5
-120.8
-126.0
-130.8
-135.5
-140.3
-145.0
-149.4
-153.9
-158.3
-162.7
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
S11
S21
S12
S22
Magn.
Angle(deg.)
Magn.
Angle(deg.)
Magn.
Angle(deg.)
Magn.
Angle(deg.)
Ta=25˚C
VDS=6V
ID=100mA
S11 ,S22 vs. f.
-j50
-j10
0
25
50
100
250
+j10
-j25
+j25
+j50
-j100
+j100
-j250
+j250
S22
S11
12.0GHz
K
MSG/MAG
(dB)
0.371
0.394
0.431
0.485
0.558
0.657
0.789
0.964
1.006
1.064
1.142
1.245
1.202
1.172
1.153
1.146
1.072
1.011
0.962
0.922
0.893
0.867
0.844
0.823
21.2
20.7
20.2
19.7
19.1
18.5
17.9
17.2
16.3
14.8
13.6
12.4
12.1
11.8
11.5
11.0
11.1
11.6
11.7
11.2
10.8
10.4
9.9
9.5
0.5GHz
12.0GHz
0.5GHz
3
0.1
12.0GHz
4
0
0.5GHz
2
12.0GHz
±180˚
6
I S21 I


Similar Part No. - MGF1601B_1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF1601B MITSUBISHI-MGF1601B_11 Datasheet
213Kb / 4P
   High-power GaAs FET (small signal gain stage)
More results

Similar Description - MGF1601B_1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S8850A TOSHIBA-S8850A Datasheet
155Kb / 4P
   MICROWAVE POWER GAAS FET
TIM1011-2L TOSHIBA-TIM1011-2L Datasheet
144Kb / 5P
   MICROWAVE POWER GaAs FET
TIM1112-8 TOSHIBA-TIM1112-8 Datasheet
111Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5053-4SL TOSHIBA-TIM5053-4SL Datasheet
384Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5359-16UL TOSHIBA-TIM5359-16UL Datasheet
383Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5359-60SL TOSHIBA-TIM5359-60SL Datasheet
159Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5053-8SL TOSHIBA-TIM5053-8SL Datasheet
144Kb / 4P
   MICROWAVE POWER GaAs FET
TIM1414-4-252 TOSHIBA-TIM1414-4-252 Datasheet
258Kb / 4P
   MICROWAVE POWER GaAs FET
TIM1414-8 TOSHIBA-TIM1414-8 Datasheet
184Kb / 4P
   MICROWAVE POWER GaAs FET
TIM0910-10 TOSHIBA-TIM0910-10 Datasheet
112Kb / 4P
   MICROWAVE POWER GaAs FET
S8851 TOSHIBA-S8851 Datasheet
162Kb / 5P
   MICROWAVE POWER GaAs FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com