Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA6270QT Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA6270QT
Description  짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6270QT Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA6270QT_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6270QT_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6270QT_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6270QT_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6270QT_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6270QT_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6270QT_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6270QT_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6270QT_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Document Number: MMA6270QT
Rev 1, 06/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005-2007. All rights reserved.
±1.5 g - 6 g Dual Axis Low-g
Micromachined Accelerometer
The MMA6270QT low cost capacitive micromachined accelerometer
features signal conditioning, a 1-pole low pass filter, temperature compensation
and g-Select which allows for the selection among four sensitivities. Zero-g
offset full scale span and filter cut-off are factory set and require no external
devices. Includes a Sleep Mode that makes it ideal for handheld battery
powered electronics.
Features
Selectable Sensitivity (1.5 g / 2 g / 4 g / 6 g)
Low Current Consumption: 500 µA
Sleep Mode: 3 µA
Low Voltage Operation: 2.2 V – 3.6 V
6 mm x 6 mm x 1.45 mm QFN
High Sensitivity (800 mV/g @1.5 g)
Fast Turn On Time
Integral Signal Conditioning with Low Pass Filter
Robust Design, High Shocks Survivability
Pb-Free Terminations
Environmentally Preferred Package
Low Cost
Typical Applications
Laptop PC: Freefall Detection, Anti-Theft
Cell Phone: Image Stability, Text Scroll, Motion Dialing, E-Compass
PDA: Text Scroll
Navigation and Dead Reckoning: E-Compass Tilt Compensation
Gaming: Tilt and Motion Sensing, Event Recorder
Robotics: Motion Sensing
Appliances: Vibration Sensing
ORDERING INFORMATION
Device Name
Temperature
Range
Package
Drawing
Package
MMA6270QT
– 40 to +105°C
1622-02
QFN-16, Tray
MMA6270QR2
– 40 to +105°C
1622-02
QFN-16,Tape & Reel
MMA6270QT
MMA6270QT: XY AXIS
ACCELEROMETER
±1.5 g / 2 g / 4 g / 6 g
16-LEAD
QFN
CASE 1622-02
Bottom View
Figure 1. Pin Connections
Top View
15
16
14 13
12
11
10
1
2
3
4
567
8
9
g-Select1
N/C
N/C
N/C
g-Select2
VDD
VSS
Sleep
Mode


Similar Part No. - MMA6270QT_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6270QT FREESCALE-MMA6270QT_08 Datasheet
192Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
More results

Similar Description - MMA6270QT_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6270Q FREESCALE-MMA6270Q Datasheet
129Kb / 8P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6280QT FREESCALE-MMA6280QT_08 Datasheet
191Kb / 13P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT Datasheet
281Kb / 11P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6270QT NXP-MMA6270QT Datasheet
242Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
logo
Freescale Semiconductor...
MMA6280QT FREESCALE-MMA6280QT Datasheet
326Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT_08 Datasheet
192Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6280QT NXP-MMA6280QT Datasheet
245Kb / 13P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
logo
Analog Devices
ADXL312 AD-ADXL312_V01 Datasheet
507Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
logo
Freescale Semiconductor...
MMA6280Q FREESCALE-MMA6280Q Datasheet
129Kb / 8P
   짹1.5g - 6g Dual Axis Low-g Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com