Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA6271QT Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA6271QT
Description  짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6271QT Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA6271QT Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6271QT Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6271QT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6271QT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6271QT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6271QT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6271QT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6271QT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6271QT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Document Number: MMA6271QT
Rev 1, 06/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005-2007. All rights reserved.
±2.5g - 10g Two Axis Low-g
Micromachined Accelerometer
The MMA6271QT low cost capacitive micromachined accelerometer features
signal conditioning, a 1-pole low pass filter, temperature compensation and g-
Select which allows for the selection among 4 sensitivities. Zero-g offset full scale
span and filter cut-off are factory set and require no external devices. Includes a
Sleep Mode that makes it ideal for handheld battery powered electronics.
Features
Selectable Sensitivity (2.5g/3.3g/6.7g/10g)
Low Current Consumption: 500 µA
Sleep Mode: 3 µA
Low Voltage Operation: 2.2 V – 3.6 V
6mm x 6mm x 1.45mm QFN
Fast Turn On Time
High Sensitivity (2.5 g)
Integral Signal Conditioning with Low Pass Filter
Robust Design, High Shocks Survivability
Environmentally Preferred Package
Low Cost
Typical Applications
Laptop PC: Freefall Detection, Anti-Theft
Cell Phone: Image Stability, Text Scroll, Motion Dialing, E-Compass
Motion Sensing
PDA: Text Scroll
Navigation and Dead Reckoning: E-Compass Tilt Compensation
Gaming: Tilt and Motion Sensing, Event Recorder
Vibration: Shock Sensing
ORDERING INFORMATION
Device
Temp. Range
Case No.
Package
MMA6271QT
– 40 to +105°C
1622-02
QFN-16, Tray
MMA6271QR2
– 40 to +105°C
1622-02
QFN-16,Tape & Reel
MMA6271QT
16-LEAD
QFN
CASE 1622-02
MMA6271QT: XY AXIS
ACCELEROMETER
±2.5g/3.3g/6.7g/10g
Bottom View
Figure 1. Pin Connections
Top View
15
16
14 13
12
11
10
1
2
3
4
567
8
9
g-Select1
N/C
N/C
N/C
g-Select2
VDD
VSS
Sleep
Mode


Similar Part No. - MMA6271QT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6271QT FREESCALE-MMA6271QT Datasheet
281Kb / 11P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6271QT NXP-MMA6271QT Datasheet
241Kb / 12P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
Rev 2, 06/2007
More results

Similar Description - MMA6271QT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6281QT FREESCALE-MMA6281QT_07 Datasheet
327Kb / 12P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
MMA6271QT FREESCALE-MMA6271QT Datasheet
281Kb / 11P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6281QT NXP-MMA6281QT Datasheet
243Kb / 12P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
Rev 2, 06/2007
MMA6271QT NXP-MMA6271QT Datasheet
241Kb / 12P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
Rev 2, 06/2007
logo
Freescale Semiconductor...
MMA7261QT FREESCALE-MMA7261QT_07 Datasheet
336Kb / 12P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
MMA7261QT FREESCALE-MMA7261QT_08 Datasheet
195Kb / 12P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
MMA7261QT FREESCALE-MMA7261QT Datasheet
284Kb / 11P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
MMA7261Q FREESCALE-MMA7261Q Datasheet
233Kb / 8P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7261QT NXP-MMA7261QT Datasheet
245Kb / 12P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
Rev 3, 09/2007
logo
Freescale Semiconductor...
MMA6281QT FREESCALE-MMA6281QT Datasheet
283Kb / 11P
   -2.5g - 10g Two Axis Low-g Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com