Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA6280QT Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA6280QT
Description  짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6280QT Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA6280QT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6280QT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6280QT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6280QT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6280QT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6280QT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6280QT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA6280QT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA6280QT Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Sensors
7
Freescale Semiconductor
MMA6280QT
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the surface mount packages must be
the correct size to ensure proper solder connection interface
between the board and the package.
With the correct footprint, the packages will self-align when
subjected to a solder reflow process. It is always
recommended to design boards with a solder mask layer to
avoid bridging and shorting between solder pads.
The flag underneath the package is internally connected to
ground. It is not recommended for the flag to be soldered
down.
PCB DESIGN GUIDELINES
The following are the recommended guidelines to follow
for mounting QFN sensors for either automotive or consumer
applications.
1. NSMD (Non Solder Mask Defined) is shown in
Figure 7.
2. Solder mask opening = PCB land pad +0.1 mm.
3. Stencil aperture size = PCB land pad – 0.025mm, as
shown in Figure 8
with a 6 mil stencil.
4. Do not place insertion components or vias at a
distance less than 2mm from the package land area.
5. Signal trace connected to pads should be as
symmetric as possible. Put dummy traces if there is
NC pads, in order to have same length of exposed
trace for all pads. Signal traces with 0.1mm width and
min. 0.5mm length for all PCB land pad near package
are recommended as shown in Figure 7 and
Figure 8. Wider trace can be continued after the
0.5mm zone.
6. Use a standard pick and place process and
equipment (no hand soldering process).
7. It is recommended to use a cleanable solder paste
with an additional cleaning step after SMT mount
8. It is recommended to avoid screwing down the PCB
to fix it into an enclosure since this may cause the
PCB to bend.
9. PC boards should be rated for multiple reflow of lead-
free conditions with 260°C maximum temperature.
Figure 7. NSMD Solder Mask Design Guidelines
Do not solder down flag for
consumer application
Do not place metal pattern or via
structures underneath of package
0.55 mm
0.50 mm
Package Pad
PCB land pattern - NSMD
Cu: 0.55 x 0.50 mm sq.
Solder mask opening =
PCB land pad +0.1mm
=0.65x0.60 mm sq.
Signal trace 0.1mm width
and 0.5mm (min) length near
package. Wider trace can be
continued after these traces.


Similar Part No. - MMA6280QT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6280QT FREESCALE-MMA6280QT Datasheet
191Kb / 13P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6280QT NXP-MMA6280QT Datasheet
245Kb / 13P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
logo
Freescale Semiconductor...
MMA6280QT FREESCALE-MMA6280QT_08 Datasheet
191Kb / 13P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
More results

Similar Description - MMA6280QT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6270Q FREESCALE-MMA6270Q Datasheet
129Kb / 8P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT_07 Datasheet
326Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6280QT FREESCALE-MMA6280QT_08 Datasheet
191Kb / 13P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT Datasheet
281Kb / 11P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6270QT NXP-MMA6270QT Datasheet
242Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
logo
Freescale Semiconductor...
MMA6270QT FREESCALE-MMA6270QT_08 Datasheet
192Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6280QT NXP-MMA6280QT Datasheet
245Kb / 13P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
logo
Analog Devices
ADXL312 AD-ADXL312_V01 Datasheet
507Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
logo
Freescale Semiconductor...
MMA6280Q FREESCALE-MMA6280Q Datasheet
129Kb / 8P
   짹1.5g - 6g Dual Axis Low-g Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com