Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGFC36V3742A Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # MGFC36V3742A
Description  3.7 ~ 4.2GHz BAND 4W INTERNALLY MATCHED GaAs FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFC36V3742A Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MGFC36V3742A_04 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFC36V3742A_04 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGFC36V3742A_04 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
June/2004


Similar Part No. - MGFC36V3742A_04

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC36V3742A MITSUBISHI-MGFC36V3742A_11 Datasheet
123Kb / 3P
   C band internally matched power GaAs FET
More results

Similar Description - MGFC36V3742A_04

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC36V3742A MITSUBISHI-MGFC36V3742A Datasheet
103Kb / 2P
   3.7 - 4.2GHz BAND 4W INTERNALLY MATCHED GaAs FET
MGFC39V3742A MITSUBISHI-MGFC39V3742A_04 Datasheet
184Kb / 2P
   3.7 ~ 4.2GHz BAND 8W INTERNALLY MATCHED GaAs FET
MGFC42V3742 MITSUBISHI-MGFC42V3742_04 Datasheet
208Kb / 2P
   3.7 ~ 4.2GHz BAND 16W INTERNALLY MATCHED GaAs FET
MGFC40V3742 MITSUBISHI-MGFC40V3742_04 Datasheet
208Kb / 2P
   3.7 ~ 4.2GHz BAND 10W INTERNALLY MATCHED GaAs FET
MGFC42V3742 MITSUBISHI-MGFC42V3742 Datasheet
89Kb / 2P
   3.7 - 4.2GHz BAND 16W INTERNALLY MATCHED GaAs FET
MGFC42V3742A MITSUBISHI-MGFC42V3742A Datasheet
109Kb / 2P
   3.7- 4.2GHz BAND 16W INTERNALLY MATCHED GaAs FET
MGFC40V3742A MITSUBISHI-MGFC40V3742A Datasheet
99Kb / 2P
   3.7 - 4.2GHz BAND 10W INTERNALLY MATCHED GaAs FET
MGFC39V3742A MITSUBISHI-MGFC39V3742A Datasheet
99Kb / 2P
   3.7 - 4.2GHz BAND 8W INTERNALLY MATCHED GaAs FET
MGFC41V3642 MITSUBISHI-MGFC41V3642_04 Datasheet
221Kb / 2P
   3.6 - 4.2GHz BAND 12W INTERNALLY MATCHED GaAs FET
MGFC45V3642A MITSUBISHI-MGFC45V3642A_04 Datasheet
230Kb / 3P
   3.6 - 4.2GHz BAND 32W INTERNALLY MATCHED GaAs FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com