Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313CVRAFF Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8313CVRAFF
Description  PowerQUICC??II Pro Processor Hardware Specifications
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313CVRAFF Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8313CVRAFF Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
MPC8313E PowerQUICCII Pro Processor Hardware Specifications, Rev. 0
4
Freescale Semiconductor
Overview
1.6
USB Dual-Role Controller
The MPC8313E USB controller includes the following features:
Supports USB on-the-go mode, which includes both device and host functionality, when using an
external ULPI (UTMI + low-pin interface) PHY
Complies with USB Specification, Rev. 2.0
Supports operation as a stand-alone USB device
— Supports one upstream facing port
— Supports three programmable USB endpoints
Supports operation as a stand-alone USB host controller
— Supports USB root hub with one downstream-facing port
— Enhanced host controller interface (EHCI) compatible
Supports full-speed (12 Mbps), and low-speed (1.5 Mbps) operation. Low-speed operation is
supported only in host mode.
Supports UTMI + low pin interface (ULPI) or on-chip USB-2.0 full-speed PHY
1.7
Dual Enhanced Three-Speed Ethernet Controllers (eTSECs)
The MPC8313E eTSECs include the following features:
Two RGMII/SGMII/MII/RMII/RTBI interfaces
Two controllers designed to comply with IEEE Stds. 802.3™, 802.3u™, 802.3x™, 802.3z™,
802.3au™, and 802.3ab™
Support for Wake-on-Magic Packet™, a method to bring the device from standby to full operating
mode
MII management interface for external PHY control and status
Three-speed support (10/100/1000 Mbps)
On-chip high-speed serial interface to external SGMII PHY interface
Support for IEEE Std. 1588™
Support for two full-duplex FIFO interface modes
Multiple PHY interface configuration
TCP/IP acceleration and QoS features available
IP v4 and IP v6 header recognition on receive
IP v4 header checksum verification and generation
TCP and UDP checksum verification and generation
Per-packet configurable acceleration
Recognition of VLAN, stacked (queue in queue) VLAN, IEEE Std. 802.2™, PPPoE session,
MPLS stacks, and ESP/AH IP-security headers
Transmission from up to eight physical queues.
Reception to up to eight physical queues


Similar Part No. - MPC8313CVRAFF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8313CVRAFF FREESCALE-MPC8313CVRAFF Datasheet
1Mb / 100P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8313CVRAFFA FREESCALE-MPC8313CVRAFFA Datasheet
1Mb / 100P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8313CVRAFFB FREESCALE-MPC8313CVRAFFB Datasheet
1Mb / 100P
   PowerQUICC??II Pro Processor Hardware Specifications
More results

Similar Description - MPC8313CVRAFF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E Datasheet
1Mb / 124P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E_10 Datasheet
2Mb / 127P
   PowerQUICC II Pro Processor Hardware Specifications
logo
NXP Semiconductors
MPC8315EEC NXP-MPC8315EEC Datasheet
1Mb / 106P
   PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
logo
Freescale Semiconductor...
KMPC8315CVRAGDA FREESCALE-KMPC8315CVRAGDA Datasheet
667Kb / 106P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E Datasheet
1Mb / 126P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E_10 Datasheet
2Mb / 126P
   PowerQUICC II Pro Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com