Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC124XEF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTC124XEF
Description  NPN resistor-equipped transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC124XEF Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTC124XEF Datasheet HTML 1Page - NXP Semiconductors PDTC124XEF Datasheet HTML 2Page - NXP Semiconductors PDTC124XEF Datasheet HTML 3Page - NXP Semiconductors PDTC124XEF Datasheet HTML 4Page - NXP Semiconductors PDTC124XEF Datasheet HTML 5Page - NXP Semiconductors PDTC124XEF Datasheet HTML 6Page - NXP Semiconductors PDTC124XEF Datasheet HTML 7Page - NXP Semiconductors PDTC124XEF Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 18
2
Philips Semiconductors
Preliminary specification
NPN resistor-equipped transistor
PDTC124XEF
FEATURES
• Power dissipation comparable to SOT23
• Built-in bias resistors R1 and R2 (typ. 22 kΩ and 47 kΩ
respectively)
• Simplification of circuit design
• Reduces number of components and board space.
APPLICATIONS
• Especially suitable for space reduction in interface and
driver circuits
• Inverter circuit configurations without use of external
resistors.
DESCRIPTION
NPN resistor-equipped transistor encapsulated in an ultra
small SC-89 (SOT490) plastic SMD package.
PNP complement: PDTA124XEF.
MARKING
PINNING
TYPE NUMBER
MARKING CODE
PDTC124XEF
32
PIN
DESCRIPTION
1
base/input
2
emitter/ground
3
collector/output
Fig.1
Simplified outline (SC-89; SOT490) and
symbol.
handbook, halfpage
MAM412
1
2
3
R1
R2
12
Top view
3
Fig.2 Equivalent inverter symbol.
MGA893 - 1
1
3
2


Similar Part No. - PDTC124XEF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC124XEF PHILIPS-PDTC124XEF Datasheet
83Kb / 12P
   NPN resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
Rev. 06-14 July 2005
PDTC124XEF NXP-PDTC124XEF Datasheet
147Kb / 12P
   NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 47 k廓
Rev. 07-16 November 2009
logo
Nexperia B.V. All right...
PDTC124XEF NEXPERIA-PDTC124XEF Datasheet
260Kb / 13P
   NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = 47 kΩ
Rev. 07 - 16 November 2009
PDTC124XEF NEXPERIA-PDTC124XEF Datasheet
205Kb / 13P
   PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
More results

Similar Description - PDTC124XEF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114EK PHILIPS-PDTC114EK Datasheet
66Kb / 8P
   NPN resistor-equipped transistor
1998 Nov 26
PDTC114TE PHILIPS-PDTC114TE Datasheet
58Kb / 8P
   NPN resistor-equipped transistor
1998 Aug 03
PDTC114TU PHILIPS-PDTC114TU Datasheet
48Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 16
PDTC114YT PHILIPS-PDTC114YT Datasheet
50Kb / 8P
   NPN resistor-equipped transistor
1999 May 21
PDTC114YU PHILIPS-PDTC114YU Datasheet
53Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 20
PDTC124EE PHILIPS-PDTC124EE Datasheet
66Kb / 8P
   NPN resistor-equipped transistor
1998 Jul 31
PDTC124ET PHILIPS-PDTC124ET Datasheet
50Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 16
PDTC143EE PHILIPS-PDTC143EE Datasheet
65Kb / 8P
   NPN resistor-equipped transistor
1998 Jul 31
PDTC143ES PHILIPS-PDTC143ES Datasheet
69Kb / 8P
   NPN resistor-equipped transistor
1998 May 20
PDTC144EU PHILIPS-PDTC144EU Datasheet
53Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com