Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR4S08AYS35 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MR4S08AYS35
Description  64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MR4S08AYS35 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MR4S08AYS35 Datasheet HTML 7Page - Freescale Semiconductor, Inc MR4S08AYS35 Datasheet HTML 8Page - Freescale Semiconductor, Inc MR4S08AYS35 Datasheet HTML 9Page - Freescale Semiconductor, Inc MR4S08AYS35 Datasheet HTML 10Page - Freescale Semiconductor, Inc MR4S08AYS35 Datasheet HTML 11Page - Freescale Semiconductor, Inc MR4S08AYS35 Datasheet HTML 12Page - Freescale Semiconductor, Inc MR4S08AYS35 Datasheet HTML 13Page - Freescale Semiconductor, Inc MR4S08AYS35 Datasheet HTML 14Page - Freescale Semiconductor, Inc MR4S08AYS35 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Timing Specifications
MR0A16A Advanced Information Data Sheet, Rev. 0
Freescale Semiconductor
11
Table 11. Write Cycle Timing 2 (E Controlled)1, 2, 3, 4, 5
Parameter
Symbol
Min
Max
Unit
Write cycle time6
tAVAV
35
ns
Address set-up time
tAVEL
0—
ns
Address valid to end of write (G high)
tAVEH
18
ns
Address valid to end of write (G low)
tAVEH
20
ns
Enable to end of write (G high)
tELEH
tELWH
15
ns
Enable to end of write (G low)7, 8
tELEH
tELWH
15
ns
Data valid to end of write
tDVEH
10
ns
Data hold time
tEHDX
0—
ns
Write recovery time
tEHAX
12
ns
NOTES:
1
A write occurs during the overlap of E low and W low.
2
Due to product sensitivities to noise, power supplies must be properly grounded and decoupled
and bus contention conditions must be minimized or eliminated during read and write cycles.
3
If G goes low at the same time or after W goes low, the output will remain in a high-impedance
state.
4
After W, E, or UB/LB has been brought high, the signal must remain in steady-state high for a
minimum of 2 ns.
5
The minimum time between E being asserted low in one cycle to E being asserted low in a
subsequent cycle is the same as the minimum cycle time allowed for the device.
6
All write cycle timings are referenced from the last valid address to the first transition address.
7
If E goes low at the same time or after W goes low, the output will remain in a high-impedance
state.
8
If E goes high at the same time or before W goes high, the output will remain in a high-impedance
state.


Similar Part No. - MR4S08AYS35

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MR4S08ACTS35C FREESCALE-MR4S08ACTS35C Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
MR4S08ACYS35 FREESCALE-MR4S08ACYS35 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
MR4S08AVTS35C FREESCALE-MR4S08AVTS35C Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
MR4S08AVYS35 FREESCALE-MR4S08AVYS35 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
More results

Similar Description - MR4S08AYS35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR2A16A FREESCALE-MR2A16A_1 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
logo
Alliance Semiconductor ...
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C31026B ALSC-AS7C31026B Datasheet
122Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
logo
Motorola, Inc
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com