Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR2A16AYS35 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MR2A16AYS35
Description  64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MR2A16AYS35 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MR2A16AYS35 Datasheet HTML 1Page - Freescale Semiconductor, Inc MR2A16AYS35 Datasheet HTML 2Page - Freescale Semiconductor, Inc MR2A16AYS35 Datasheet HTML 3Page - Freescale Semiconductor, Inc MR2A16AYS35 Datasheet HTML 4Page - Freescale Semiconductor, Inc MR2A16AYS35 Datasheet HTML 5Page - Freescale Semiconductor, Inc MR2A16AYS35 Datasheet HTML 6Page - Freescale Semiconductor, Inc MR2A16AYS35 Datasheet HTML 7Page - Freescale Semiconductor, Inc MR2A16AYS35 Datasheet HTML 8Page - Freescale Semiconductor, Inc MR2A16AYS35 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MR0A16A
Rev. 0, 6/2007
© Freescale Semiconductor, Inc., 2007. All rights reserved.
This document contains information on a new product under development. Freescale
reserves the right to change or discontinue this product without notice.
Introduction
The MR0A16A is a 1,048,576-bit magnetoresistive
random access memory (MRAM) device
organized as 65,536 words of 16 bits. The
MR0A16A is equipped with chip enable (E), write
enable (W), and output enable (G) pins, allowing
for significant system design flexibility without bus
contention. Because the MR0A16A has separate
byte-enable controls (LB and UB), individual bytes
can be written and read.
MRAM is a nonvolatile memory technology that
protects data in the event of power loss and does
not require periodic refreshing. The MR0A16A is
the ideal memory solution for applications that
must permanently store and retrieve critical data
quickly.
The MR0A16A is available in a 400-mil, 44-lead
plastic small-outline TSOP type-II package with an
industry-standard center power and ground SRAM
pinout.
The MR0A16A is available in Commercial (0˚C to
70˚C), Industrial (-40˚C to 85˚C) and Extended
(-40˚C to 105˚C) ambient temperature ranges.
Features
Single 3.3-V power supply
Commercial temperature range (0˚C to
70˚C), Industrial temperature range (-40˚C
to 85˚C) and Extended temperature range
(-40˚C to 105˚C)
Symmetrical high-speed read and write with
fast access time (35 ns)
Flexible data bus control — 8 bit or 16 bit
access
Equal address and chip-enable access
times
Automatic data protection with low-voltage
inhibit circuitry to prevent writes on power
loss
All inputs and outputs are
transistor-transistor logic (TTL) compatible
Fully static operation
Full nonvolatile operation with 20 years
minimum data retention
64K x 16-Bit 3.3-V
Asynchronous
Magnetoresistive RAM
MR0A16A
44-TSOP
Case 924A-02


Similar Part No. - MR2A16AYS35

ManufacturerPart #DatasheetDescription
logo
Everspin Technologies I...
MR2A16AYS35 EVERSPIN-MR2A16AYS35 Datasheet
1Mb / 20P
   256K x 16 MRAM Memory
Rev. 11.3 3/2018
MR2A16AYS35R EVERSPIN-MR2A16AYS35R Datasheet
1Mb / 20P
   256K x 16 MRAM Memory
Rev. 11.3 3/2018
More results

Similar Description - MR2A16AYS35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR2A16A FREESCALE-MR2A16A_1 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
logo
Alliance Semiconductor ...
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C31026B ALSC-AS7C31026B Datasheet
122Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
logo
Motorola, Inc
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com