Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR4S16ACYS35 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MR4S16ACYS35
Description  64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MR4S16ACYS35 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MR4S16ACYS35 Datasheet HTML 3Page - Freescale Semiconductor, Inc MR4S16ACYS35 Datasheet HTML 4Page - Freescale Semiconductor, Inc MR4S16ACYS35 Datasheet HTML 5Page - Freescale Semiconductor, Inc MR4S16ACYS35 Datasheet HTML 6Page - Freescale Semiconductor, Inc MR4S16ACYS35 Datasheet HTML 7Page - Freescale Semiconductor, Inc MR4S16ACYS35 Datasheet HTML 8Page - Freescale Semiconductor, Inc MR4S16ACYS35 Datasheet HTML 9Page - Freescale Semiconductor, Inc MR4S16ACYS35 Datasheet HTML 10Page - Freescale Semiconductor, Inc MR4S16ACYS35 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Timing Specifications
MR0A16A Advanced Information Data Sheet, Rev. 0
Freescale Semiconductor
7
Timing Specifications
Read Mode
Table 9. Read Cycle Timing1, 2
Parameter
Symbol
Min
Max
Unit
Read cycle time
tAVAV
35
ns
Address access time
tAVQV
—35
ns
Enable access time3
tELQV
—35
ns
Output enable access time
tGLQV
—15
ns
Byte enable access time
tBLQV
—15
ns
Output hold from address change
tAXQX
3—
ns
Enable low to output active4, 5
tELQX
3—
ns
Output enable low to output active4, 5
tGLQX
0—
ns
Byte enable low to output active4, 5
tBLQX
0—
ns
Enable high to output Hi-Z4, 5
tEHQZ
015
ns
Output enable high to output Hi-Z4, 5
tGHQZ
010
ns
Byte high to output Hi-Z4, 5
tBHQZ
010
ns
NOTES:
1
W is high for read cycle.
2
Due to product sensitivities to noise, power supplies must be properly grounded and
decoupled, and bus contention conditions must be minimized or eliminated during read and
write cycles.
3
Addresses valid before or at the same time E goes low.
4
This parameter is sampled and not 100% tested.
5
Transition is measured
±200 mV from steady-state voltage.


Similar Part No. - MR4S16ACYS35

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MR4S16ACYS35 FREESCALE-MR4S16ACYS35 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
More results

Similar Description - MR4S16ACYS35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR2A16A FREESCALE-MR2A16A_1 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
logo
Alliance Semiconductor ...
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C31026B ALSC-AS7C31026B Datasheet
122Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
logo
Motorola, Inc
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com