Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR0S16ACYS35 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MR0S16ACYS35
Description  256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MR0S16ACYS35 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MR0S16ACYS35 Datasheet HTML 1Page - Freescale Semiconductor, Inc MR0S16ACYS35 Datasheet HTML 2Page - Freescale Semiconductor, Inc MR0S16ACYS35 Datasheet HTML 3Page - Freescale Semiconductor, Inc MR0S16ACYS35 Datasheet HTML 4Page - Freescale Semiconductor, Inc MR0S16ACYS35 Datasheet HTML 5Page - Freescale Semiconductor, Inc MR0S16ACYS35 Datasheet HTML 6Page - Freescale Semiconductor, Inc MR0S16ACYS35 Datasheet HTML 7Page - Freescale Semiconductor, Inc MR0S16ACYS35 Datasheet HTML 8Page - Freescale Semiconductor, Inc MR0S16ACYS35 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MR2A16A Data Sheet, Rev. 4
4
Freescale Semiconductor
Electrical Specifications
Table 3. Absolute Maximum Ratings1
Parameter
Symbol
Value
Unit
Supply voltage2
VDD
–0.5 to 4.0
V
Voltage on any pin2
VIn
–0.5 to VDD + 0.5
V
Output current per pin
IOut
±20
mA
Package power dissipation3
PD
0.600
W
Temperature under bias
MR2A16ATS35C (Commercial)
MR2A16ACYS35 (Industrial)
MR2A16AVYS35 (Extended)
TBias
–10 to 85
–45 to 95
–45 to 110
˚C
Storage temperature
Tstg
–55 to 150
˚C
Lead temperature during solder (3 minute max)
TLead
260
˚C
Maximum magnetic field during write
MR2A16ATS35C (Commercial)
MR2A16ACYS35 (Industrial)
MR2A16AVYS35 (Extended)
Hmax_write
15
25
25
Oe
Maximum magnetic field during read or standby
MR2A16ATS35C (Commercial)
MR2A16ACYS35 (Industrial)
MR2A16AVYS35 (Extended)
Hmax_read
100
100
100
Oe
NOTES:
1
Permanent device damage may occur if absolute maximum ratings are exceeded. Functional operation
should be restricted to recommended operating conditions. Exposure to excessive voltages or magnetic
fields could affect device reliability.
2
All voltages are referenced to VSS.
3
Power dissipation capability depends on package characteristics and use environment.


Similar Part No. - MR0S16ACYS35

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MR0S16ACYS35 FREESCALE-MR0S16ACYS35 Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
More results

Similar Description - MR0S16ACYS35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR0A16A FREESCALE-MR0A16A Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
logo
Siemens Semiconductor G...
HYB514171BJ-50- SIEMENS-HYB514171BJ-50- Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
logo
Integrated Silicon Solu...
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
Samsung semiconductor
KM4216C256 SAMSUNG-KM4216C256 Datasheet
2Mb / 41P
   256K X 16 BIT CMOS VIDEO RAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com