Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGFC44V5964 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MGFC44V5964
Description  5.9-6.4GHz BAND 24W INTERNALLY MATCHED GaAs FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFC44V5964 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MGFC44V5964 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFC44V5964 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGFC44V5964 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - MGFC44V5964

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC44V5964 MITSUBISHI-MGFC44V5964 Datasheet
91Kb / 2P
   5.9-6.4GHz BAND 24W INTERNALLY MATCHED GaAs FET
More results

Similar Description - MGFC44V5964

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC44V5964 MITSUBISHI-MGFC44V5964 Datasheet
91Kb / 2P
   5.9-6.4GHz BAND 24W INTERNALLY MATCHED GaAs FET
MGFC42V5964A MITSUBISHI-MGFC42V5964A Datasheet
196Kb / 3P
   5.9 - 6.4GHz BAND 16W INTERNALLY MATCHED GaAs FET
MGFC39V5964A MITSUBISHI-MGFC39V5964A Datasheet
99Kb / 2P
   5.9 - 6.4GHz BAND 8W INTERNALLY MATCHED GaAs FET
MGFC36V5964A MITSUBISHI-MGFC36V5964A Datasheet
104Kb / 2P
   5.9 - 6.4GHz BAND 4W INTERNALLY MATCHED GaAs FET
MGFC39V5964A MITSUBISHI-MGFC39V5964A_04 Datasheet
184Kb / 2P
   5.9 - 6.4GHz BAND 8W INTERNALLY MATCHED GaAs FET
MGFC40V5964 MITSUBISHI-MGFC40V5964_04 Datasheet
208Kb / 2P
   5.9 ~ 6.4GHz BAND 10W INTERNALLY MATCHED GaAs FET
MGFC38V5964 MITSUBISHI-MGFC38V5964_97 Datasheet
302Kb / 3P
   5.9 - 6.4GHz BAND 6W INTERNALLY MATCHED GaAs FET
MGFC38V5964 MITSUBISHI-MGFC38V5964 Datasheet
92Kb / 2P
   5.9 - 6.4GHz BAND 6W INTERNALLY MATCHED GaAs FET
MGFC41V5964 MITSUBISHI-MGFC41V5964 Datasheet
56Kb / 2P
   5.9 - 6.4GHz BAND 12W INTERNALLY MATCHED GaAs FET?
MGFC40V5964A MITSUBISHI-MGFC40V5964A Datasheet
99Kb / 2P
   5.9 - 6.4GHz BAND 10W INTERNALLY MATCHED GaAs FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com