Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR1A16AVYS35 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MR1A16AVYS35
Description  64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MR1A16AVYS35 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MR1A16AVYS35 Datasheet HTML 4Page - Freescale Semiconductor, Inc MR1A16AVYS35 Datasheet HTML 5Page - Freescale Semiconductor, Inc MR1A16AVYS35 Datasheet HTML 6Page - Freescale Semiconductor, Inc MR1A16AVYS35 Datasheet HTML 7Page - Freescale Semiconductor, Inc MR1A16AVYS35 Datasheet HTML 8Page - Freescale Semiconductor, Inc MR1A16AVYS35 Datasheet HTML 9Page - Freescale Semiconductor, Inc MR1A16AVYS35 Datasheet HTML 10Page - Freescale Semiconductor, Inc MR1A16AVYS35 Datasheet HTML 11Page - Freescale Semiconductor, Inc MR1A16AVYS35 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MR0A16A Advanced Information Data Sheet, Rev. 0
8
Freescale Semiconductor
Timing Specifications
Figure 4. Read Cycle 11
Figure 5. Read Cycle 2
tAVAV
tAXQX
tAVQV
DATA VALID
PREVIOUS DATA VALID
Q (DATA OUT)
A (ADDRESS)
NOTES:
1 Device is continuously selected (E ≤ VIL, G ≤ VIL).
tAVAV
tAVQV
A (ADDRESS)
tELQX
tGLQV
DATA VALID
E (CHIP ENABLE)
G (OUTPUT ENABLE)
LB, UB (BYTE ENABLE)
Q (DATA OUT)
tELQV
tGLQX
tBLQV
tBLQX
tBHQZ
tGHQZ
tEHQZ


Similar Part No. - MR1A16AVYS35

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MR1A16AVYS35 FREESCALE-MR1A16AVYS35 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Everspin Technologies I...
MR1A16AVYS35 EVERSPIN-MR1A16AVYS35 Datasheet
1Mb / 20P
   128K x 16 MRAM Memory
Rev. 1.1 03/2020
MR1A16AVYS35R EVERSPIN-MR1A16AVYS35R Datasheet
1Mb / 20P
   128K x 16 MRAM Memory
Rev. 1.1 03/2020
More results

Similar Description - MR1A16AVYS35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR2A16A FREESCALE-MR2A16A_1 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
logo
Alliance Semiconductor ...
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C31026B ALSC-AS7C31026B Datasheet
122Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
logo
Motorola, Inc
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com