Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34703PNB Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC34703PNB
Description  10A Switch-Mode Power Supply with LDO Regulator
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34703PNB Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC34703PNB Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34703PNB Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34703PNB Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34703PNB Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34703PNB Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34703PNB Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34703PNB Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34703PNB Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34703PNB Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34703
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Supply Voltage
VIN1, VIN2
-0.3 to 14
V
Switching Node
SW
-1.0 to 14
V
Buck Regulator Bootstrap Input (BOOT - SW)
BOOT
-0.3 to 8.5
V
Differential Voltage (SR - SW)
VSR
-0.3 to 8.5
V
Boost Regulator Output (1)
VBST
-0.3 to 8.5
V
Boost Regulator Drain
VBD
-0.3 to 9.5
V
RESET
Drain Voltage
RESET
-0.3 to 7.0
V
Enable Pins (EN1, EN2)
VENABLE
-0.3 to 14
V
Logic Pins (SDA, SCL, CLKSYN)
VLOGIC
-0.3 to 7.0
V
Analog Pins (INV, VOUT)
VANALOG1
-0.3 to 7.0
V
Analog Pins (LDRV, LFB, LDO, LCMP, ISNS)
VANALOG2
-0.3 to 8.5
V
Analog Pins (CLKSEL, ADDR, RT, FREQ, VDDI)
VANALOG3
-0.3 to 3.6
V
ESD Voltage
Human Body Model (2)
Machine Model (3)
VESD1
VESD2
±2000
±200
V
THERMAL RATINGS
Storage Temperature
TSTG
-65 to 150
°C
Power Dissipation (TA = 85°C)
(4)
PD
2.0
W
Lead Soldering Temperature (5)
TSOLDER
245
°C
Maximum Operating Junction Temperature
TJMAX
125
°C
Package Operating Temperature Range (Ambient Temperature)
TA
-40 to 85
°C
THERMAL RESISTANCE
Thermal Resistance, Junction to Ambient (6)
RθJA
38
°C/W
Thermal Resistance, Junction to Base (7)
RθJB
~1.0
°C/W
Notes
1.
Maximum recommended filter capacitor: 10
µF. (Note, VBST pin is not short-circuit protected.)
2.
ESD1 testing is performed in accordance with the Human Body Model (CZAP=100 pF, RZAP=1500 Ω).
3.
ESD2 testing is performed in accordance with the Machine Model (CZAP=200 pF, RZAP=0 Ω).
4.
Maximum still-air power dissipation at indicated ambient temperature; higher power dissipations may be possible with additional heat-
sinking and forced-air cooling.
5.
Lead soldering temperature limit is for 10 seconds maximum duration. Contact Freescale Sales Office for immersion soldering time/
temperature limits.
6.
Thermal resistance measured in accordance with EIA/JESD51-2.
7.
Theoretical thermal resistance from the die junction to the exposed heat-sinking pins.


Similar Part No. - MC34703PNB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC3470 TI-MC3470 Datasheet
285Kb / 8P
[Old version datasheet]   FLOPPY DISK READ-AMPLIFIER SYSTEMS
logo
Freescale Semiconductor...
MC34700 FREESCALE-MC34700 Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
MC34700 FREESCALE-MC34700 Datasheet
1Mb / 28P
   9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
MC34700EP FREESCALE-MC34700EP Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
MC34700EP/R2 FREESCALE-MC34700EP/R2 Datasheet
1Mb / 28P
   9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
More results

Similar Description - MC34703PNB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34701EW FREESCALE-MC34701EW Datasheet
770Kb / 39P
   1.5A Switch-Mode Power Supply with Linear Regulator
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
   3.0A Switch-Mode Power Supply with Linear Regulator
MC34701EK FREESCALE-MC34701EK Datasheet
739Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
34702 FREESCALE-34702 Datasheet
863Kb / 38P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
34701 FREESCALE-34701_07 Datasheet
860Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
logo
Semtech Corporation
SC417 SEMTECH-SC417 Datasheet
546Kb / 29P
   10A Integrated FET Regulator with Programmable LDO
SC417 SEMTECH-SC417_09 Datasheet
595Kb / 30P
   10A Integrated FET Regulator with Programmable LDO
SC402B SEMTECH-SC402B Datasheet
1Mb / 32P
   10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com