Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR0S16AVYS35 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MR0S16AVYS35
Description  256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MR0S16AVYS35 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MR0S16AVYS35 Datasheet HTML 1Page - Freescale Semiconductor, Inc MR0S16AVYS35 Datasheet HTML 2Page - Freescale Semiconductor, Inc MR0S16AVYS35 Datasheet HTML 3Page - Freescale Semiconductor, Inc MR0S16AVYS35 Datasheet HTML 4Page - Freescale Semiconductor, Inc MR0S16AVYS35 Datasheet HTML 5Page - Freescale Semiconductor, Inc MR0S16AVYS35 Datasheet HTML 6Page - Freescale Semiconductor, Inc MR0S16AVYS35 Datasheet HTML 7Page - Freescale Semiconductor, Inc MR0S16AVYS35 Datasheet HTML 8Page - Freescale Semiconductor, Inc MR0S16AVYS35 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Electrical Specifications
MR2A16A Data Sheet, Rev. 4
Freescale Semiconductor
5
Table 4. Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Power supply voltage
MR2A16ATS35C (Commercial)
MR2A16ACYS35 (Industrial)
MR2A16AVYS35 (Extended)
VDD
3.01
3.02
3.02
3.3
3.3
3.3
3.6
3.6
3.6
V
Write inhibit voltage
MR2A16ATS35C (Commercial)
MR2A16ACYS35 (Industrial)
MR2A16AVYS35 (Extended)
VWI
2.5
2.5
2.5
2.7
2.7
2.7
3.01
3.02
3.02
V
Input high voltage
VIH
2.2
VDD +
0.33
V
Input low voltage
VIL
–0.54
0.8
V
Operating temperature
MR2A16ATS35C (Commercial)
MR2A16ACYS35 (Industrial)
MR2A16AVYS35 (Extended)
TA
0
-40
-40
70
85
105
˚C
NOTES:
1
After power up or if VDD falls below VWI, a waiting period of 2 μs must be observed, and E and W
must remain high for 2
μs. Memory is designed to prevent writing for all input pin conditions if V
DD
falls below minimum VWI.
2
After power up or if VDD falls below VWI, a waiting period of 2 ms must be observed, and E and W
must remain high for 2 ms. Memory is designed to prevent writing for all input pin conditions if VDD
falls below minimum VWI.
3
VIH (max) = VDD + 0.3 Vdc; VIH (max) = VDD + 2.0 Vac (pulse width ≤ 10 ns) for I ≤ 20.0 mA.
4
VIL (min) = –0.5 Vdc; VIL (min) = –2.0 Vac (pulse width ≤ 10 ns) for I ≤ 20.0 mA.


Similar Part No. - MR0S16AVYS35

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MR0S16AVYS35 FREESCALE-MR0S16AVYS35 Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
More results

Similar Description - MR0S16AVYS35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR0A16A FREESCALE-MR0A16A Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
logo
Siemens Semiconductor G...
HYB514171BJ-50- SIEMENS-HYB514171BJ-50- Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
logo
Integrated Silicon Solu...
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
Samsung semiconductor
KM4216C256 SAMSUNG-KM4216C256 Datasheet
2Mb / 41P
   256K X 16 BIT CMOS VIDEO RAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com