Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72205S2131K101 Datasheet(PDF) 4 Page - EPCOS

Part # B72205S2131K101
Description  Leaded Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72205S2131K101 Datasheet(HTML) 4 Page - EPCOS

  B72205S2131K101 Datasheet HTML 1Page - EPCOS B72205S2131K101 Datasheet HTML 2Page - EPCOS B72205S2131K101 Datasheet HTML 3Page - EPCOS B72205S2131K101 Datasheet HTML 4Page - EPCOS B72205S2131K101 Datasheet HTML 5Page - EPCOS B72205S2131K101 Datasheet HTML 6Page - EPCOS B72205S2131K101 Datasheet HTML 7Page - EPCOS B72205S2131K101 Datasheet HTML 8Page - EPCOS B72205S2131K101 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
178 04/02
S05K230E2
B72205S2231K101
230
300
800
11,0
0,10
S07K230E2
B72207S2231K101
230
300
1750
23,0
0,25
S10K230E2
B72210S2231K101
230
300
3500
45,0
0,40
S14K230E2
B72214S2231K101
230
300
6000
90,0
0,60
S20K230E2
B72220S2231K101
230
300
10000
180,0
1,00
S05K250E2
B72205S2251K101
250
320
800
12,0
0,10
S07K250E2
B72207S2251K101
250
320
1750
25,0
0,25
S10K250E2
B72210S2251K101
250
320
3500
50,0
0,40
S14K250E2
B72214S2251K101
250
320
6000
100,0
0,60
S20K250E2
B72220S2251K101
250
320
10000
195,0
1,00
S05K275E2
B72205S2271K101
275
350
800
13,5
0,10
S07K275E2
B72207S2271K101
275
350
1750
27,5
0,25
S10K275E2
B72210S2271K101
275
350
3500
55,0
0,40
S14K275E2
B72214S2271K101
275
350
6000
110,0
0,60
S20K275E2
B72220S2271K101
275
350
10000
215,0
1,00
S05K300E2
B72205S2301K101
300
385
800
15,0
0,10
S07K300E2
B72207S2301K101
300
385
1750
30,0
0,25
S10K300E2
B72210S2301K101
300
385
3500
60,0
0,40
S14K300E2
B72214S2301K101
300
385
6000
125,0
0,60
S20K300E2
B72220S2301K101
300
385
10000
250,0
1,00
S07K320E2
B72207S2321K101
320
420
1750
32,0
0,25
S10K320E2
B72210S2321K101
320
420
3500
67,0
0,40
S14K320E2
B72214S2321K101
320
420
6000
136,0
0,60
S20K320E2
B72220S2321K101
320
420
10000
273,0
1,00
Maximum ratings (TA = 85 °C)
Type
(untaped)
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
AdvanceD Series
Leaded Varistors


Similar Part No. - B72205S2131K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
725Kb / 34P
   SIOV metal oxide varistors Leaded varistors, AdvanceD series
More results

Similar Description - B72205S2131K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com