Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF6S21140HSR3 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRF6S21140HSR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6S21140HSR3 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRF6S21140HSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF6S21140HSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6S21140HSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6S21140HSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6S21140HSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6S21140HSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6S21140HSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6S21140HSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6S21140HSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MRF6S21140HR3 MRF6S21140HSR3
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
−21
−12
−15
−18
−21
−12
−15
−18
2220
2060
IRL
Gps
ACPR
IM3
f, FREQUENCY (MHz)
Figure 3. 2-Carrier W-CDMA Broadband Performance @ Pout = 30 Watts Avg.
2200
2180
2160
2140
2120
2100
2080
15.6
15.5
−44
30
28
26
−32
−36
−40
2220
2060
IRL
Gps
ACPR
IM3
f, FREQUENCY (MHz)
Figure 4. 2-Carrier W-CDMA Broadband Performance @ Pout = 60 Watts Avg.
2200
2180
2160
2140
2120
2100
2080
15
14.9
−33
42
40
38
−24
−27
−30
Figure 5. Two-Tone Power Gain versus
Output Power
Figure 6. Third Order Intermodulation Distortion
versus Output Power
100
12
17
1
IDQ = 1800 mA
1500 mA
Pout, OUTPUT POWER (WATTS) PEP
16
15
14
10
400
−55
−25
1
IDQ = 600 mA
Pout, OUTPUT POWER (WATTS) PEP
1800 mA
100
−30
−35
−40
−45
−50
−60
VDD = 28 Vdc
f1 = 2135 MHz, f2 = 2145 MHz
Two −Tone Measurements, 10 MHz Tone Spacing
10
ηD
ηD
15.4
15.3
15.2
15.1
15
VDD = 28 Vdc, Pout = 30 W (Avg.),
IDQ = 1200 mA, 2−Carrier W−CDMA,
10 MHz Carrier Spacing, 3.84 MHz Channel Bandwidth,
PAR = 8.5 dB @ 0.01% Probability (CCDF)
14.8
14.7
14.6
14.5
14.4
VDD = 28 Vdc, Pout = 60 W (Avg.),
IDQ = 1200 mA, 2−Carrier W−CDMA,
10 MHz Carrier Spacing, 3.84 MHz Channel
Bandwidth, PAR = 8.5 dB @ 0.01%
Probability (CCDF)
13
1200 mA
900 mA
600 mA
VDD = 28 Vdc
f1 = 2135 MHz, f2 = 2145 MHz
Two −Tone Measurements, 10 MHz Tone Spacing
−20
1500 mA
900 mA
1200 mA
400


Similar Part No. - MRF6S21140HSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S21140HSR3 FREESCALE-MRF6S21140HSR3 Datasheet
517Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S21140HSR3 FREESCALE-MRF6S21140HSR3 Datasheet
832Kb / 14P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results

Similar Description - MRF6S21140HSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com