Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF7S21170HR3 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF7S21170HR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF7S21170HR3 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF7S21170HR3_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF7S21170HR3_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF7S21170HR3_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF7S21170HR3_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF7S21170HR3_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF7S21170HR3_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF7S21170HR3_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF7S21170HR3_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF7S21170HR3_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
RF Device Data
Freescale Semiconductor
MRF7S21170HR3 MRF7S21170HSR3
TYPICAL CHARACTERISTICS
2220
2060
IRL
Gps
PARC
f, FREQUENCY (MHz)
Figure 3. Output Peak-to-Average Ratio Compression (PARC)
Broadband Performance @ Pout = 50 Watts Avg.
VDD = 28 Vdc, Pout = 50 W (Avg.), IDQ = 1400 mA
Single −Carrier W−CDMA, 3.84 MHz Channel
Bandwidth, PAR = 7.5 dB @ 0.01% Probability (CCDF)
2160
2120
2100
9
17
16
15
14
13
12
11
10
−3
36
34
32
30
28
0
−1
−2
ηD
−25
−5
−10
−15
−20
2140
2080
2200
2180
2220
2060
IRL
Gps
PARC
f, FREQUENCY (MHz)
Figure 4. Output Peak-to-Average Ratio Compression (PARC)
Broadband Performance @ Pout = 84 Watts Avg.
VDD = 28 Vdc, Pout = 84 W (Avg.), IDQ = 1400 mA
Single −Carrier W−CDMA, 3.84 MHz Channel
Bandwidth, PAR = 7.5 dB @ 0.01% Probability (CCDF)
2160
2120
2100
9
17
16
15
14
13
12
11
10
−5
44
42
40
38
36
−2
−3
−4
ηD
−25
−5
−10
−15
−20
2140
2080
2200
2180
Figure 5. Two-Tone Power Gain versus
Output Power
100
13
18
1
Pout, OUTPUT POWER (WATTS) PEP
VDD = 28 Vdc, f1 = 2135 MHz, f2 = 2145 MHz
Two −Tone Measurements, 10 MHz Tone Spacing
16
15
14
10
400
17
Figure 6. Third Order Intermodulation Distortion
versus Output Power
−10
Pout, OUTPUT POWER (WATTS) PEP
10
−20
−30
−40
100
−60
−50
VDD = 28 Vdc, f1 = 2135 MHz, f2 = 2145 MHz
Two −Tone Measurements, 10 MHz Tone Spacing
1
400
IDQ = 2100 mA
1750 mA
700 mA
1050 mA
1400 mA
IDQ = 700 mA
1750 mA
1050 mA
1400 mA
2100 mA


Similar Part No. - MRF7S21170HR3_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_08 Datasheet
443Kb / 13P
   RF Power Field Effect Transistors
More results

Similar Description - MRF7S21170HR3_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com