Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43520B3108M000 Datasheet(PDF) 5 Page - EPCOS

Part # B43520B3108M000
Description  Capacitors with 4 Snap-In Terminals and Solder Pins
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43520B3108M000 Datasheet(HTML) 5 Page - EPCOS

  B43520B3108M000 Datasheet HTML 1Page - EPCOS B43520B3108M000 Datasheet HTML 2Page - EPCOS B43520B3108M000 Datasheet HTML 3Page - EPCOS B43520B3108M000 Datasheet HTML 4Page - EPCOS B43520B3108M000 Datasheet HTML 5Page - EPCOS B43520B3108M000 Datasheet HTML 6Page - EPCOS B43520B3108M000 Datasheet HTML 7Page - EPCOS B43520B3108M000 Datasheet HTML 8Page - EPCOS B43520B3108M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
182 10/02
Miniaturized 85 °C
B43510 / B43520
Overview of available types
The capacitance and voltage ratings listed above are available in different cases upon request.
Other voltage and capacitance ratings are also available upon request.
Capacitors with solder pins are only available in 35 and 40 mm case diameters.
UR (VDC)
385
400
420
450
500
CR (µF)
Case dimensions
d
× l (mm)
390
35
× 60
470
35
× 70
560
35
× 60
35
× 70
40
× 60
680
35
× 50
40
× 50
35
× 60
40
× 50
35
× 60
40
× 50
35
× 70
40
× 50
35
× 100
40
× 70
820
35
× 60
40
× 50
35
× 60
40
× 50
35
× 70
40
× 60
35
× 80
40
× 60
35
× 100
40
× 80
1 000
35
× 70
40
× 60
35
× 70
40
× 60
45
× 50
35
× 80
40
× 60
35
× 100
40
× 70
45
× 60
40
× 100
45
× 70
1 200
35
× 80
40
× 70
35
× 100
40
× 70
40
× 70
40
× 80
45
× 70
45
× 100
1 500
40
× 80
45
× 60
35
× 100
40
× 80
45
× 70
40
× 100
45
× 70
40
× 100
45
× 80
45
× 100
1 800
40
× 100
45
× 70
40
× 100
45
× 80
40
× 100
45
× 80
45
× 100
2 200
40
× 100
45
× 100
45
× 100
2 700
45
× 100
45
× 100


Similar Part No. - B43520B3108M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43520B3108M000 EPCOS-B43520B3108M000 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
More results

Similar Description - B43520B3108M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43510 EPCOS-B43510 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43514 EPCOS-B43514 Datasheet
255Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43511 EPCOS-B43511 Datasheet
254Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
logo
TDK Electronics
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
B43512 TDK-B43512_15 Datasheet
892Kb / 25P
   Capacitors with 4-/5-pin snap-in terminals and solder pins
logo
EPCOS
B43415 EPCOS-B43415 Datasheet
1Mb / 15P
   Capacitors for pulse applications with snap-in and solder lug terminals
logo
CUI INC
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
   available with and without solder pins
logo
PowerDynamics, Inc
42R38-3X2X-XXX POWERDYNAMICS-42R38-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R34-3X2X-XXX POWERDYNAMICS-42R34-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R03-3X5X-XXX POWERDYNAMICS-42R03-3X5X-XXX Datasheet
41Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SNAP-IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com