Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32684 Datasheet(PDF) 3 Page - EPCOS

Part # B32684
Description  Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32684 Datasheet(HTML) 3 Page - EPCOS

  B32684 Datasheet HTML 1Page - EPCOS B32684 Datasheet HTML 2Page - EPCOS B32684 Datasheet HTML 3Page - EPCOS B32684 Datasheet HTML 4Page - EPCOS B32684 Datasheet HTML 5Page - EPCOS B32684 Datasheet HTML 6Page - EPCOS B32684 Datasheet HTML 7Page - EPCOS B32684 Datasheet HTML 8Page - EPCOS B32684 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
180 12/00
MFP
Overview of available types
Lead
spacing
15 mm
22,5 mm
Type
B 32 682
B 32 683
Page
181
182
0,10 nF
0,15 nF
0,22 nF
0,33 nF
0,47 nF
0,68 nF
1,0
nF
1,5
nF
2,2
nF
3,3
nF
4,7
nF
6,8
nF
10
nF
15
nF
22
nF
33
nF
47
nF
68
nF
0,10
µF
0,15
µF
Lead
spacing
27,5 mm
37,5 mm
Type
B 32 684
B 32 686
Page
183
184
15
nF
22
nF
33
nF
47
nF
68
nF
0,10
µF
0,15
µF
0,22
µF
0,33
µF
0,47
µF
B 32 686
B 32 682 …


Similar Part No. - B32684

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32684A0104000 TDK-B32684A0104000 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
B32684A0154000 TDK-B32684A0154000 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
B32684A0224000 TDK-B32684A0224000 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
B32684A0473000 TDK-B32684A0473000 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
B32684A0683000 TDK-B32684A0683000 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
More results

Similar Description - B32684

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32682 TDK-B32682_16 Datasheet
606Kb / 32P
   Metallized Polypropylene Film Capacitors (MFP)
MFP-B32632634 TDK-MFP-B32632634 Datasheet
518Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686A EPCOS-B32686A Datasheet
324Kb / 18P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP-B32692694 TDK-MFP-B32692694 Datasheet
480Kb / 27P
   Metallized Polypropylene Film Capacitors (MFP)
B32686S TDK-B32686S_16 Datasheet
430Kb / 20P
   Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32686S EPCOS-B32686S Datasheet
408Kb / 22P
   Metallized Polypropylene Film Capacitors (MFP)
B32632_634 EPCOS-B32632_634 Datasheet
543Kb / 29P
   Metallized Polypropylene Film Capacitors (MFP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
EPCOS
B32620 EPCOS-B32620 Datasheet
154Kb / 16P
   Metallized Polypropylene Film Capacitors (MKP) Plastic Case
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com