Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84142-A250-S2 Datasheet(PDF) 5 Page - EPCOS

Part # B84142-A250-S2
Description  72-Line Filters for Converters in Traction Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84142-A250-S2 Datasheet(HTML) 5 Page - EPCOS

  B84142-A250-S2 Datasheet HTML 1Page - EPCOS B84142-A250-S2 Datasheet HTML 2Page - EPCOS B84142-A250-S2 Datasheet HTML 3Page - EPCOS B84142-A250-S2 Datasheet HTML 4Page - EPCOS B84142-A250-S2 Datasheet HTML 5Page - EPCOS B84142-A250-S2 Datasheet HTML 6Page - EPCOS B84142-A250-S2 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
187 03/01
2-Line Filters
... B84142-A*-S18
B84142-A*-S2
for Converters in Traction Systems
B84142-A1000-S**
SSB1589-8
61
2
95±0,8
16
126
M6 × 25
PE
+
__
+
ø12
220
290±1
350
60
60
ø14
40
20
86±3
86±3
410±2,5
20
40
ø14
Stirnseiten
an beiden
4 × M6; 6 mm tief
Marking
LINE
LOAD
4xM6;depth of
engagement 6 mm
on both filter sides


Similar Part No. - B84142-A250-S2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84142-A20-R EPCOS-B84142-A20-R Datasheet
220Kb / 7P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
More results

Similar Description - B84142-A250-S2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84299-K21-E EPCOS-B84299-K21-E Datasheet
149Kb / 6P
   2-Line Filters for Installations and Systems
B84299-K61 EPCOS-B84299-K61 Datasheet
147Kb / 8P
   2-Line Filters for Installations and Systems
B84131 EPCOS-B84131 Datasheet
242Kb / 7P
   4-Line Filters for Installations and Systems
B84108 EPCOS-B84108 Datasheet
104Kb / 4P
   4-Line Filters for Installations and Systems
B84134-F EPCOS-B84134-F Datasheet
136Kb / 4P
   4-Line Filters for Installations and Systems
B84299-K33 EPCOS-B84299-K33 Datasheet
247Kb / 9P
   4-Line Filters for Installations and Systems
B84299-K53 EPCOS-B84299-K53 Datasheet
118Kb / 4P
   4-Line Filters for Installations and Systems
B84134-A EPCOS-B84134-A Datasheet
135Kb / 7P
   4-Line Filters for Installations and Systems
B84143-G-R110 EPCOS-B84143-G-R110 Datasheet
236Kb / 8P
   3-Line Filters for Converters and Power Electronics
B84143-A8-R EPCOS-B84143-A8-R Datasheet
178Kb / 9P
   3-Line Filters for Converters and Power Electronics
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com