Part Name
         Description
B84142-A250-S2

 72-Line Filters for Converters in Traction Systems ( 7 Page)


EPCOS
100% 
Zoom Out Zoom In
   
 6 page
background image
188 03/01
2-Line Filters
... B84142-A*-S18
B84142-A*-S2
for Converters in Traction Systems
Insertion loss (typical values at Z = 50
Ω)
unsymmetrical, adjacent branches terminated
common mode, all branches in parallel (asymmetrical)
differential mode (symmetrical)
B84142-A250-S2 ... -S18
B84142-A500-S2 ... -S18
B84142-A1000-S2 ... -S18
SSB1573-L
10 4
Hz
5
10
10 6
10 7
10 8
0
α
e
f
10
20
30
40
50
60
70
80
dB
100
SSB1574-U
10 4
Hz
5
10
10 6
10 7
10 8
0
10
20
30
40
50
60
70
80
dB
100
α
e
f
1  2  3  4  5  6  7 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
B84110APower line filters for 1-phase systems Rated voltage 250 V DC/AC 50/60 Hz Rated current 0.5 to 6 A 1 2 3 4 5 MoreEPCOS
B84142-A10-RPower line filters for single-phase systems Rated voltage 250 V~ 50/60 Hz Rated current 10 to 60 A 1 2 3 4 5 MoreEPCOS
B84142-B8-RPower line filters for single-phase systems Rated voltage 250 V~ 50/60 Hz Rated current 8 A to 25 A 1 2 3 4 5 EPCOS
GBIC-1250B5LSRoHS Compliant 1250Mbps Gigabit Interface Converters GBIC Transceiver Module for Gigabit Ethernet 1 2 3 4 5 MoreDelta Electronics, Inc.
C9812Low EMI Clock Generator for Intel 810E Chipset Systems 1 2 3 4 5 MoreCypress Semiconductor
AAT1231Step-Up DC/DC Converters for White LED Backlight Applications 1 2 3 4 5 MoreAdvanced Analogic Technologies
CDCDLP2233.3 V Clock Synthesizer for DLP TM Systems 1 2 3 4 5 MoreTexas Instruments
TSOP34830IR Receiver Modules for Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
B8103IF Filters for Cordless Phones and ISM-Band Application 1 2 3 4 5 MoreEPCOS

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl