Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59100C0060A070 Datasheet(PDF) 3 Page - EPCOS

Part # B59100C0060A070
Description  Sensors Limit Temperature Sensors, Leaded Disks, Coated
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59100C0060A070 Datasheet(HTML) 3 Page - EPCOS

  B59100C0060A070 Datasheet HTML 1Page - EPCOS B59100C0060A070 Datasheet HTML 2Page - EPCOS B59100C0060A070 Datasheet HTML 3Page - EPCOS B59100C0060A070 Datasheet HTML 4Page - EPCOS B59100C0060A070 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
182 10/02
Characteristics (typical)
PTC resistance RPTC versus PTC temperature TPTC
(measured at low signal voltage)
TPT0600-E
50
_
0
150
100
50
PTC
˚C
T
101
10
102
3
R
10
10
104
5
106
PTC
7
8
10
B59100C0***A070
50 ˚C
10 ˚C
20 ˚C
NTT
T
_
TPT0491-5
10
R
T
PTC
PTC
TNTT
60 ˚C
˚C
70 ˚C
80 ˚C
10 3
10 2
10 1
10 4
10 6
5
10
7
10
10 8
B59100C0***A070
30
50
70
90
110 130
160
90 ˚C
TPT0492-D
10
R
T
PTC
PTC
TNTT
50
100
150
200
250
100 ˚C
˚C
110 ˚C
120 ˚C
10 3
10 2
10 1
10 4
10 6
5
10
7
10
10 8
B59100C0***A070
130 ˚C
TPT0493-L
10
R
T
PTC
PTC
TNTT
50
100
150
200
250
140 ˚C
˚C
145 ˚C
150 ˚C
10 3
10 2
10 1
10 4
10 6
5
10
7
10
10 8
B59100C0***A070
155 ˚C
B59100
C 100
Limit Temperature Sensors, Leaded Disks, Coated
Sensors


Similar Part No. - B59100C0060A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59100C0060A070 EPCOS-B59100C0060A070 Datasheet
293Kb / 9P
   PTC thermistors as limit temperature sensors
More results

Similar Description - B59100C0060A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59008C0060A040 EPCOS-B59008C0060A040 Datasheet
73Kb / 4P
   Limit Temperature Sensors, Leaded Disks
B59830C0160A070 EPCOS-B59830C0160A070 Datasheet
83Kb / 5P
   Leaded Disks, Coated, 110 V
B59935 EPCOS-B59935 Datasheet
82Kb / 5P
   Overcurrent Protection Leaded Disks, Coated
B59910C0130A070 EPCOS-B59910C0130A070 Datasheet
886Kb / 13P
   Leaded disks, coated, 63 V
B59910 EPCOS-B59910 Datasheet
144Kb / 10P
   Overcurrent Protection Leaded Disks, Coated
B59901 EPCOS-B59901 Datasheet
69Kb / 4P
   Sensors Limit Temperature Sensors, Probe Assemblies
B59601 EPCOS-B59601 Datasheet
63Kb / 3P
   Sensors Limit Temperature Sensors, SMDs, EIA Size 0603
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
   PTC thermistors as limit temperature sensors
B59401A0105A062 EPCOS-B59401A0105A062 Datasheet
526Kb / 18P
   PTC thermistors as limit temperature sensors
B59300 EPCOS-B59300 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com