Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR2S08AVTS35C Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MR2S08AVTS35C
Description  256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MR2S08AVTS35C Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MR2S08AVTS35C Datasheet HTML 2Page - Freescale Semiconductor, Inc MR2S08AVTS35C Datasheet HTML 3Page - Freescale Semiconductor, Inc MR2S08AVTS35C Datasheet HTML 4Page - Freescale Semiconductor, Inc MR2S08AVTS35C Datasheet HTML 5Page - Freescale Semiconductor, Inc MR2S08AVTS35C Datasheet HTML 6Page - Freescale Semiconductor, Inc MR2S08AVTS35C Datasheet HTML 7Page - Freescale Semiconductor, Inc MR2S08AVTS35C Datasheet HTML 8Page - Freescale Semiconductor, Inc MR2S08AVTS35C Datasheet HTML 9Page - Freescale Semiconductor, Inc MR2S08AVTS35C Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MR2A16A Data Sheet, Rev. 4
6
Freescale Semiconductor
Electrical Specifications
Direct Current (dc)
Table 5. dc Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Input leakage current
Ilkg(I)
——
±1
μA
Output leakage current
Ilkg(O)
——
±1
μA
Output low voltage
(IOL = +4 mA)
(IOL = +100 μA)
VOL
0.4
VSS + 0.2
V
Output high voltage
(IOH = –4 mA)
(IOH = –100 mA)
VOH
2.4
VDD – 0.2
——
V
Table 6. Power Supply Characteristics
Parameter
Symbol
Typ
Max
Unit
ac active supply current — read modes1
(IOut = 0 mA, VDD = max)
MR2A16ATS35C (Commercial)
MR2A16ACYS35 (Industrial)
MR2A16AVYS35 (Extended)
IDDR
55
TBD
TBD
80
TBD
TBD
mA
ac active supply current — write modes1
(VDD = max)
MR2A16ATS35C (Commercial)
MR2A16ACYS35 (Industrial)
MR2A16AVYS35 (Extended)
IDDW
105
TBD
TBD
155
TBD
TBD
mA
ac standby current
(VDD = max, E = VIH)
(no other restrictions on other inputs)
MR2A16ATS35C (Commercial)
MR2A16ACYS35 (Industrial)
MR2A16AVYS35 (Extended)
ISB1
18
TBD
TBD
28
TBD
TBD
mA
CMOS standby current
(E
≥ VDD – 0.2 V and VIn ≤ VSS + 0.2 V or ≥ VDD – 0.2 V)
(VDD = max, f = 0 MHz)
MR2A16ATS35C (Commercial)
MR2A16ACYS35 (Industrial)
MR2A16AVYS35 (Extended)
ISB2
9
TBD
TBD
12
TBD
TBD
mA
NOTES:
1
All active current measurements are measured with one address transition per cycle.


Similar Part No. - MR2S08AVTS35C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MR2S08AVYS35 FREESCALE-MR2S08AVYS35 Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
More results

Similar Description - MR2S08AVTS35C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR0A16A FREESCALE-MR0A16A Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
logo
Siemens Semiconductor G...
HYB514171BJ-50- SIEMENS-HYB514171BJ-50- Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
logo
Integrated Silicon Solu...
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
Samsung semiconductor
KM4216C256 SAMSUNG-KM4216C256 Datasheet
2Mb / 41P
   256K X 16 BIT CMOS VIDEO RAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com